Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD824AR-14-3V Datasheet(PDF) 7 Page - Analog Devices

Part # AD824AR-14-3V
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR-14-3V Datasheet(HTML) 7 Page - Analog Devices

Back Button AD824AR-14-3V Datasheet HTML 3Page - Analog Devices AD824AR-14-3V Datasheet HTML 4Page - Analog Devices AD824AR-14-3V Datasheet HTML 5Page - Analog Devices AD824AR-14-3V Datasheet HTML 6Page - Analog Devices AD824AR-14-3V Datasheet HTML 7Page - Analog Devices AD824AR-14-3V Datasheet HTML 8Page - Analog Devices AD824AR-14-3V Datasheet HTML 9Page - Analog Devices AD824AR-14-3V Datasheet HTML 10Page - Analog Devices AD824AR-14-3V Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD824
10M
1k
10k
100k
1M
60
40
20
0
–20
180
135
90
45
VS = +3V
NO LOAD
10
0%
100
90
1µs
50mV
Figure 6. Open-Loop Gain/Phase and Small Signal
Response, VS = +3 V, No Load
10M
1k
10k
100k
1M
60
40
20
0
–20
180
135
90
45
VS = +3V
CL = 220pF
10
0%
100
90
1µs
50mV
Figure 7. Open-Loop Gain/Phase and Small Signal
Response, VS = +3 V, CL = 220 pF
10
0%
100
90
2µs
5V
10.810 µs
t
Figure 8. Slew Rate, RL = 10k
10
0%
100
90
2µs
5V
9.950 µs
t
10
0%
100
90
100µs
5V
VOUT
Figure 9. Phase Reversal with Inputs Exceeding Supply by
1 Volt
LOAD CURRENT – A
0.8
0
10m
10µ
50µ
100µ
500µ
1m
5m
0.7
0.4
0.3
0.2
0.1
0.6
0.5
SOURCE
SINK
Figure 10. Output Voltage to Supply Rail vs. Sink and
Source Load Currents
REV. A
–7–


Similar Part No. - AD824AR-14-3V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824AR-14-3V AD-AD824AR-14-3V Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824AR-14-3V-REEL AD-AD824AR-14-3V-REEL Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results

Similar Description - AD824AR-14-3V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com