Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQ162 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EQ162
Description  Frequency 32.7680kHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EQ162 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EQ162 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
32.7680kHz
DESCRIPTION
EQ162 crystals provide 32.768kHz in a miniature SMD package. The
4.1 x 1.5 x 0.75mm ceramic package is reliable and rugged while
remaining high precision.
Frequency 32.7680kHz
Light-weight SMD tuning fork crystal, low profile 0.75mm
Ceramic package providing high precision and reliability
Suitable for mobile telecoms and general applications
OUTLINE & DIMENSIONS
Nominal Frequency:
32.7680kHz
Load Capacitance:
9pF or 12.5pF
Drive Level:
0.2µW typical. 1.0µW maximum
Frequency Tolerance:
±20ppm @25°C
Equivalent Series Resistance:
80kΩ maximum
Turnover Temperature:
25°±5°C
Parabolic Coefficient:
-0.04ppm/°C2 maximum
Operating Temperature Range:
-40° to +85°C
Storage Temperature Range:
-40 to +85°C
Shunt Capacitance:
1.3pF typical
Packaging:
Tape and Reel, 3k pieces per reel
RoHS tatus:
RoHS Compliant
SPECIFICATION
STABILITY OVER TEMPERATURE
X-Cut Crystal
EQ162 CRYSTAL
Miniature SMD 4.1 x 1.5 x 0.75mm
PART NUMBER
Example: 32.768kHz EQ162 - 12.5pF
Frequency
32.768kHz
32.768kHz
EQ162 -
12.5pF
Package
Load Capacitance
9pF or 12.5pF
32.7680
12.5
PG32768E
32.768kHz EQ162-12.5pF
32.7680
9
PG32768F
32.768kHz EQ162-9pF
Frequency
(kHz)
CL
(pF)
Stock
Number
EUROQUARTZ STOCK NUMBERS
Part Number


Similar Part No. - EQ162

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQ160 EUROQUARTZ-EQ160 Datasheet
135Kb / 1P
   Frequency 32.7680kHz
EQ161 EUROQUARTZ-EQ161 Datasheet
133Kb / 1P
   Frequency 32.7680kHz
More results

Similar Description - EQ162

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQ161 EUROQUARTZ-EQ161 Datasheet
133Kb / 1P
   Frequency 32.7680kHz
EQ160 EUROQUARTZ-EQ160 Datasheet
135Kb / 1P
   Frequency 32.7680kHz
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Unisonic Technologies
2SB562 UTC-2SB562 Datasheet
95Kb / 3P
   LOW FREQUENCY POWER LOW FREQUENCY POWER
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
logo
Fairchild Semiconductor
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC1623 FAIRCHILD-KSC1623 Datasheet
60Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
KSC2690 FAIRCHILD-KSC2690 Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com