Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCR20-105JE Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # HCR20-105JE
Description  High Voltage Type Chip Resistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

HCR20-105JE Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  HCR20-105JE Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
HCR**
HCR**
HCR**
HCR**
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
【Structure】
【Structure】
【Structure】
【Structure】
Model
Model
Model
Model
No.
No.
No.
No.
No.
1
2
3
4
5
6
7
8
9
10
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Marking
Marking
Marking
Marking
Side electrode
Side electrode
Side electrode
Side electrode
Ni plating
Ni plating
Ni plating
Ni plating
Sn plating
Sn plating
Sn plating
Sn plating
HCR20, HCR32, HCR50
HCR20, HCR32, HCR50
HCR20, HCR32, HCR50
HCR20, HCR32, HCR50
Element Name
Ceramic substrate
Ceramic substrate
Ceramic substrate
Ceramic substrate
Bottom electrode
Bottom electrode
Bottom electrode
Bottom electrode
Top electrode
Top electrode
Top electrode
Top electrode
Resistive element
Resistive element
Resistive element
Resistive element
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅱ
Protective coat Ⅱ
Protective coat Ⅱ
Protective coat Ⅱ
1500V
1500V
1500V
1500V
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
1000V
1000V
1000V
1000V
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
±200
±200
±200
±200
HCR50
HCR50
HCR50
HCR50
0.500
0.500
0.500
0.500
Class F (±1%)
Class F (±1%)
Class F (±1%)
Class F (±1%)
3M~16M
3M~16M
3M~16M
3M~16M
HCR32
HCR32
HCR32
HCR32
0.250
0.250
0.250
0.250
Class F (±1%)
Class F (±1%)
Class F (±1%)
Class F (±1%)
100K~20M
100K~20M
100K~20M
100K~20M
±200
±200
±200
±200
500V
500V
500V
500V
HCR20
HCR20
HCR20
HCR20
0.125
0.125
0.125
0.125
Class F (±1%)
Class F (±1%)
Class F (±1%)
Class F (±1%)
180K~20M
180K~20M
180K~20M
180K~20M
±200
±200
±200
±200
400V
400V
400V
400V
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
HCR16
HCR16
HCR16
HCR16
0.100
0.100
0.100
0.100
Class F (±1%)
Class F (±1%)
Class F (±1%)
Class F (±1%)
180K~20M
180K~20M
180K~20M
180K~20M
±200
±200
±200
±200
350V (DC)
350V (DC)
350V (DC)
350V (DC)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
Model No.
Rated power (W) at 70℃
Tolerance
Range (Ω)
TCR (ppm/℃)
Max.Working Voltage
5.00±0.15
5.00±0.15
5.00±0.15
5.00±0.15
2.50±0.15
2.50±0.15
2.50±0.15
2.50±0.15
0.55±0.15
0.55±0.15
0.55±0.15
0.55±0.15
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
1.25±0.10
1.25±0.10
1.25±0.10
1.25±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
HCR20
HCR20
HCR20
HCR20
2.00±0.10
2.00±0.10
2.00±0.10
2.00±0.10
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
HCR32
HCR32
HCR32
HCR32
3.20±0.10
3.20±0.10
3.20±0.10
3.20±0.10
1.60±0.10
1.60±0.10
1.60±0.10
1.60±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
HCR50
HCR50
HCR50
HCR50
HCR16
HCR16
HCR16
HCR16
1.60±0.15
1.60±0.15
1.60±0.15
1.60±0.15
0.80±0.15
0.80±0.15
0.80±0.15
0.80±0.15
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
Model No.
L
W
t
c
d
(Unit: mm)
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
Max.Overload Voltage
500V (DC)
500V (DC)
500V (DC)
500V (DC)
800V
800V
800V
800V
High Voltage Type Chip Resistor
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
■Compared to normal chip resistor,
Compared to normal chip resistor,
Compared to normal chip resistor,
Compared to normal chip resistor,
used at higher voltage.
used at higher voltage.
used at higher voltage.
used at higher voltage.
this product can be
this product can be
this product can be
this product can be
solderings are applicable.
solderings are applicable.
solderings are applicable.
solderings are applicable.
Reflow, Flow
Reflow, Flow
Reflow, Flow
Reflow, Flow
■Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant product.
product.
product.
product.
3
2
4
6
7
8
9
10
5
105
105
105
105
-
--
-
20
20
20
20
HCR
HCR
HCR
HCR
Model No.
Size
Marking
Resistance
Symbol
Tolerance
Symbol
Form
HCR16
1608
105
1MΩ
±1.0%
V
Paper tape
HCR20
2012
±2.0%
Emboss tape
HCR32
3216
J
±5.0%
B
Bulk
HCR50
5025
①Model No.
②Resistance Value
③Resistance Tolerance
③Packing Form
105=10×10
5
=1,000,000Ω=1MΩ


Similar Part No. - HCR20-105JE

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HCR20SZPL HAMMOND-HCR20SZPL Datasheet
100Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCR20SZPL HAMMOND-HCR20SZPL Datasheet
72Kb / 1P
   Rails pour montage sur bati de 19 po et trousse dadaptateur de largeur
More results

Similar Description - HCR20-105JE

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
PCR16-103JV HOKURIKU-PCR16-103JV Datasheet
212Kb / 2P
   High Power Type Chip Resistor
logo
Stackpole Electronics, ...
UHV SEI-UHV Datasheet
519Kb / 5P
   Ultra-High Voltage Chip Resistor
11/18/2020
HVC SEI-HVC Datasheet
267Kb / 5P
   High Voltage Thick Film Chip Resistor
11/18/2020
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
HOKURIKU ELECTRIC INDUS...
PCR16 HOKURIKU-PCR16 Datasheet
429Kb / 2P
   Surge Current Type High Power Chip Resistor
UCR16-10GMV HOKURIKU-UCR16-10GMV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
CRES16-103JV HOKURIKU-CRES16-103JV Datasheet
164Kb / 1P
   Sulfurization-proof Type Chip Resistor
CRO6H-103JV HOKURIKU-CRO6H-103JV Datasheet
173Kb / 1P
   Low Profile Type Chip Resistor
logo
KOA Speer Electronics, ...
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com