Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRS-20103FE Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # CRS-20103FE
Description  Sulfurization-proof Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

CRS-20103FE Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  CRS-20103FE Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD CRS-20103FE Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
【Structure】
【Structure】
【Structure】
【Structure】
Model
Model
Model
Model
No.
No.
No.
No.
No.
1
2
3
4
5
6
7
8
9
10
11
* Design・specification are subject to change without prior notice. Please check before purchase and use.
【Power derating curve】
【Power derating curve】
【Power derating curve】
【Power derating curve】
【Surface temperature rise】
【Surface temperature rise】
【Surface temperature rise】
【Surface temperature rise】
【Anti-sulfuration characteristic】
【Anti-sulfuration characteristic】
【Anti-sulfuration characteristic】
【Anti-sulfuration characteristic】
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Bottom electrode
Bottom electrode
Bottom electrode
Bottom electrode
CRS16
CRS16
CRS16
CRS16
CRS10
CRS10
CRS10
CRS10
CRS50, CRS35, CRS32,
CRS50, CRS35, CRS32,
CRS50, CRS35, CRS32,
CRS50, CRS35, CRS32,
CRS20
CRS20
CRS20
CRS20
Element Name
With Marking
With Marking
With Marking
With Marking
Protective coat Ⅲ
Protective coat Ⅲ
Protective coat Ⅲ
Protective coat Ⅲ
Side electrode
Side electrode
Side electrode
Side electrode
Ni plating
Ni plating
Ni plating
Ni plating
Ceramic substrate
Ceramic substrate
Ceramic substrate
Ceramic substrate
Top electrode
Top electrode
Top electrode
Top electrode
Resistive element
Resistive element
Resistive element
Resistive element
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅰ
Protective coat Ⅰ
Sn plating
Sn plating
Sn plating
Sn plating
Protective coat Ⅱ
Protective coat Ⅱ
Protective coat Ⅱ
Protective coat Ⅱ
Without Marking
Without Marking
Without Marking
Without Marking
3
2
4
6
7
8
9
10
11
5
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
■ In test chamber of
In test chamber of
In test chamber of
In test chamber of 40
40
40
40℃
℃,
,90
90
90
90~
~95
95
95
95%
%RH
RH
RH
RH,
,H
H
H
H2222S
S
S
S:
::
:3
33
3ppm,
ppm,
ppm,
ppm, 1000
1000
1000
1000Hr storage without load.
Hr storage without load.
Hr storage without load.
Hr storage without load.
0
20
40
60
80
100
Ambient temperature (℃)
CRS
70
155
-55
0
0
00
0
20
20
20
20
40
40
40
40
60
60
60
60
80
80
80
80
100
100
100
100
120
120
120
120
140
140
140
140
0
00
0
50
50
50
50
100
100
100
100
150
150
150
150
200
200
200
200
負荷電圧(%)
表面温度上昇
CRS50
CRS35
CRS10
CRS32
CRS20
CRS16
CRS Suface temperature
Power rating (%)
-2.0
-1.0
0.0
1.0
2.0
500
1000
Test time (Hr)
Sulfurization test (vapor phase test)
CRS10
CRS16
CRS20
CRS32
CRS35
CRS50
■ When used at ambient temperature of
When used at ambient temperature of
When used at ambient temperature of
When used at ambient temperature of 70
70
70
70℃ or above, power rating must be derated in
℃ or above, power rating must be derated in
℃ or above, power rating must be derated in
℃ or above, power rating must be derated in
accordance with
the
accordance with
the
accordance with
the
accordance with
the
derating curve. below.
derating curve. below.
derating curve. below.
derating curve. below.
■ As for relation between rated power ratio ans surface temperature rise, refer to the
As for relation between rated power ratio ans surface temperature rise, refer to the
As for relation between rated power ratio ans surface temperature rise, refer to the
As for relation between rated power ratio ans surface temperature rise, refer to the


Similar Part No. - CRS-20103FE

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CRS-20-110 MERRIMAC-CRS-20-110 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
More results

Similar Description - CRS-20103FE

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
CRS10 HOKURIKU-CRS10 Datasheet
267Kb / 2P
   Sulfurization-proof Chip Resistor
CRES06 HOKURIKU-CRES06 Datasheet
152Kb / 1P
   Sulfurization-proof Type Chip Resistor
CRES16-103JV HOKURIKU-CRES16-103JV Datasheet
164Kb / 1P
   Sulfurization-proof Type Chip Resistor
WCRES32-103JV HOKURIKU-WCRES32-103JV Datasheet
165Kb / 1P
   Sulfurization-proof Type Wide Terminal Chip Resistor
E011407 HOKURIKU-E011407_02 Datasheet
40Kb / 1P
   Sulfurization-proof Low Resistance Chip Resistors
logo
Bourns Electronic Solut...
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
   Chip Resistor
CRL2512 BOURNS-CRL2512 Datasheet
123Kb / 1P
   Chip resistor
CRL1206 BOURNS-CRL1206 Datasheet
124Kb / 1P
   Chip Resistor
CR0402-LF BOURNS-CR0402-LF Datasheet
292Kb / 2P
   Chip Resistor
CR0402 BOURNS-CR0402 Datasheet
172Kb / 3P
   Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com