Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS7001IM8T Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TS7001IM8T
Description  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS7001IM8T Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS7001IM8T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 11Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 12Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 13Page - Touchstone Semiconductor Inc TS7001IM8T Datasheet HTML 14Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TS7001
Page 10
TS7001DS r1p0
RTFDS
DESCRIPTION OF OPERATION
The
TS7001
is
a
single-supply,
low-power,
single/dual-channel,
12-bit
successive-
approximation ADC
with an easy-to-use serial
interface. The ADC can be operated from a 3V
supply (2.7V to 3.6V). When operated from either a
3V, the TS7001 can operate at throughput rates up
to 187.5ksps when an external 3 MHz clock is
applied.
In a 8-pin MSOP package, the TS7001 integrates a
2.5-V
reference,
a
high-speed
track/hold,
a
successive-approximation ADC, and a serial digital
interface. An external serial clock is used to transfer
data to/from the ADC and controls the TS7001
’s
conversion process. The TS7001 can be configured
for
single-
or
two-channel
operation.
When
configured as a single-channel ADC, the analog
input range is 0 to VREF (where an externally
applied VREF, if used, can range between 1.2 V and
VDD). When the TS7001 is configured for two-
channel applications, the analog input range on
each channel is set internally from 0V to VDD.
If the TS7001 is configured for single-channel
operation, the TS7001 can be operated in a read-
only mode by applying a logic LOW at all times to
the DIN pin (Pin 6) or by hard-wiring the DIN pin
permanently to GND. For maximum flexibility to
address
multiple
configurations
based
on
the
application, the DIN input can be used to load ADC
configuration data from a host processor into the
TS7001
’s 8-bit Control Register.
TS7001 Operation and Transfer Function
The TS7001 is a successive-approximation ADC,
the core of which is a charge-redistribution DAC.
Figure 1 illustrates an equivalent circuit for the
TS7001 in signal acquisition phase. Here, Switch
SW1 is in Position A and Switch SW2 is closed. With
the sampling capacitor’s terminals connected to the
analog input on one side and REF on the other, the
analog signal is acquired. During the acquisition
phase, the inputs to the comparator are balanced
since both inputs are connected to REF.
During the conversion phase as shown in the
equivalent circuit in Figure 2, Switch SW1 is moved
from Position A to GND at Position B and Switch
SW2 is opened. At this point in time, the inputs to
the comparator become unbalanced. The TS7001
’s
control logic and the charge-redistribution DAC work
together to add or subtract fixed packets of charge
from the sampling capacitor to balance once again
the comparator input terminals. At the time when the
comparator is rebalanced, the conversion process is
complete
and the ADC’s control logic generates the
ADC serial output conversion data.
Figure 3 illustrates the ideal transfer function for the
TS7001 where the output data is coded straight
binary. Thus, the designed code transitions occur at
successive integer LSB values (that is, at 1 LSB, at
2 LSBs, etc) where the LSB size is VREF/4096.
Figure 1:
TS7001’s Acquisition Phase Equivalent Circuit
Figure 2:
TS7001’s Conversion Phase Equivalent Circuit
Figure 3:
TS7001’s Unipolar Transfer Function for
Straight Binary Digital Data.


Similar Part No. - TS7001IM8T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS7001IM8T SILABS-TS7001IM8T Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

Similar Description - TS7001IM8T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com