Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCR35-100JE Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # FCR35-100JE
Description  Flat Type Chip Fuse Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

FCR35-100JE Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  FCR35-100JE Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCR35-100JE Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
【Structure】
【Structure】
【Structure】
【Structure】
No.
1
2
3
4
5
6
7
8
9
【Power derating curve】
【Power derating curve】
【Power derating curve】
【Power derating curve】
【Surface temperature rise】
【Surface temperature rise】
【Surface temperature rise】
【Surface temperature rise】
【Fusing characteristic】
【Fusing characteristic】
【Fusing characteristic】
【Fusing characteristic】
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Ni plating
Ni plating
Ni plating
Ni plating
Sn plating
Sn plating
Sn plating
Sn plating
Top electrode
Top electrode
Top electrode
Top electrode
Resistive element
Resistive element
Resistive element
Resistive element
Protective coat
Protective coat
Protective coat
Protective coat
Marking
Marking
Marking
Marking
Side electrode
Side electrode
Side electrode
Side electrode
Bottom electrode
Bottom electrode
Bottom electrode
Bottom electrode
Element Name
Ceramic substrate
Ceramic substrate
Ceramic substrate
Ceramic substrate
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
2
3
4
6
7
5
8
1
9
0
20
40
60
80
100
Ambient temperature (℃)
FCR
-55
0
70
125
0
00
0
20
20
20
20
40
40
40
40
60
60
60
60
80
80
80
80
100
100
100
100
120
120
120
120
140
140
140
140
160
160
160
160
0
00
0
50
50
50
50
100
100
100
100
150
150
150
150
200
200
200
200
Power rating (%)
FCR
FCR50
FCR35
FCR16
FCR32
FCR20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
Fusing power(W)
FCR
FCR50
FCR35
FCR32
FCR20
FCR16
■ As for relation between rated power ratio ans surface temperature rise, refer to the
As for relation between rated power ratio ans surface temperature rise, refer to the
As for relation between rated power ratio ans surface temperature rise, refer to the
As for relation between rated power ratio ans surface temperature rise, refer to the
below.
below.
below.
below.
■ When used at ambient temperature of
When used at ambient temperature of
When used at ambient temperature of
When used at ambient temperature of 70
70
70
70℃ or above, power rating must be derated in
℃ or above, power rating must be derated in
℃ or above, power rating must be derated in
℃ or above, power rating must be derated in
accordance with
the derating
accordance with
the derating
accordance with
the derating
accordance with
the derating
curve. below.
curve. below.
curve. below.
curve. below.


Similar Part No. - FCR35-100JE

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCR35 HOKURIKU-FCR35 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
More results

Similar Description - FCR35-100JE

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
FCL10-201V HOKURIKU-FCL10-201V Datasheet
181Kb / 2P
   Flat Type Chip Fuse
FCL10-201 HOKURIKU-FCL10-201 Datasheet
997Kb / 5P
   Flat Type Chip Fuse
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
UCR16-10GMV HOKURIKU-UCR16-10GMV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
E011402 HOKURIKU-E011402 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
   fusing flat chip resistor
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
   Flat Chip Resistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com