Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVR40S330MO-S Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MVR40S330MO-S
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVR40S330MO-S Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MVR40S330MO-S Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVR40S330MO-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MERITEK
Metal Oxide Varistors
MVR Series
Description
FEATURES
• Fast response to rapidly rising surge voltage
• High performance clamping voltage characteristics
• Operating / storage temperature: -40 ~ +85°C / -40 ~ +125°C
APPLICATIONS
• Transistor, diode, IC, thyristor and triac semiconductor
protection
• Surge protection in consumer electronics, industrial
electronics, communication, home appliances
• Electrostatic discharge and noise spike suppression
• Relay and electromagnetic valve surge absorption
PART NUMBERING SYSTEM
MVR
05
D
471
K
Y
-S
Meritek Series
Element Dia
CODE
05
07
10
14
18
20
25
32
40
53
34
mm
Ø5.0
Ø7.0
Ø10.0
Ø14.0
Ø18.0
Ø20.0
Ø25.0
Ø32.0
Ø40.0
Ø53.0
Ø34.0
Varistor Voltage
The first two digits are significant figures and the third one denotes the number of zeros following.
Decimal point is represented by R:
CODE
330
471
102
33 x 10º = 33V
47 x 10 ¹ = 470V
10 x 10² = 1000V
Tolerance
CODE
K
M
±10%
±20%
Customer special requirement
• Varistor voltage: 18V to 1800 V
CODE
D
S
Disk or dual square
Single square
Special
Bare
A
X
Lead Type
CODE
Blank
Q
G
Y
OI
Strap Wire Y kink Out kink In kink
Straight
Wire: Less than 25mm
Strap: More than 25mm
… - S High Surge
UL1414 E197475
CSA 225125
VDE 40013638
UL1449 3rd Edition E326004
Specifications are subject to change without notice.
rev.6b
* Notes: A suffix may be added to denote custom features.


Similar Part No. - MVR40S330MO-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MVR4361F ETC1-MVR4361F Datasheet
225Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
MVR4361F STANLEY-MVR4361F Datasheet
407Kb / 32P
   Single Color 3.6 Right Angle Type
MVR4364K STANLEY-MVR4364K Datasheet
171Kb / 1P
   Single color led
logo
List of Unclassifed Man...
MVR4371F ETC1-MVR4371F Datasheet
225Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
MVR4868K STANLEY-MVR4868K Datasheet
432Kb / 33P
   Single Color Semi-Round Shape Type
More results

Similar Description - MVR40S330MO-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com