Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX7SM Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX7SM
Description  Designed for infrared, vapour phase or epoxy mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX7SM Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX7SM Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX7SM crystals are leadless devices designed for surface mounting.
The ultra-miniature crystals are hermetically sealed in a rugged,
ceramic package. The crystals have a very low profile and small area.
OUTLINE & DIMENSIONS
FEATURES
Designed for infrared, vapour phase or epoxy mounting
Low profile, (<1.2mm) hermetically sealed ceramic package
Excellent ageing characteristics
High shock and vibration resistance
Full military testing available
Available with glass or ceramic lid
Custom designs available
CX7SM CRYSTAL
Ultra-Miniature SMD Crystal
14MHz to 250MHz
SM1
1.14
1.27
SM2
1.17
1.30
SM3
1.22
1.35
Glass
Lid
Ceramic
Lid
Dim. H
HOW TO ORDER CX7SM AT CRYSTALS
CX7 -
S
-
C
-
SM1
-
49.0M,
50
/
50
/ - /
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Terminations
SM1 = Gold plated
SM2 = Solder plated
SM3 = Solder dipped
Frequency
M = MHz
Calibration
Tolerance
@25°C
(in ppm)*
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Frequency
Stability over
Temp. Range
(in ppm)*
*Alternative 'total' tolerance (in ppm)
CRYSTAL EQUIVALENT CIRCUIT
R1 Motional Resistance
L1 Motional Inductance
C1 Motional Capacitance
C0 Shunt Capacitance
PACKAGING OPTIONS
CX7SM crystals are available either tray packed (<250pcs) or tape
and reel (>250 pieces).
16mm tape, 178mm or 330mm reels (EIA 418).
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
49.0MHz
Motional Resistance R1:
14kΩ
Motional Capacitance C1:
2.4fF
Quality Factor Q:
100,000
Shunt Capacitance:
0.8pF
SPECIFICATION
1.
Other tolerances available, as low as ±5ppm.
2.
Does not include calibration tolerance. (Frequency stability
characteristics follow that of the AT-Cut thickness-shear mode.)
3.
Higher shock version available.
Standard Calibration Tolerance1:
±100ppm to ±1000ppm
Load Capacitance:
10pF (or as specified)
Drive Level:
200µW maximum
Frequency Stability2
-10° to +70°C:
±50ppm to ±10ppm
-40° to +85°C:
±100ppm to ±35ppm
-55° to +125°C:
±100ppm to ±50ppm
Ageing First Year:
±5ppm maximum
Shock, Survival4:
5000g peak, 0.3ms, ½ sine
Vibration, Survival:
20g rms, 10~2000Hz random
Operating Temperature Range:
-10°C to +70°C (Commercial)
-40°C to +85°C (Industrial)
-55°C to +125°C (Military)
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
TERMINATIONS - PLATING
SM1
Gold Plated
SM2
Nickel, Solder Plated
SM3
Nickel, Solder Plated and Solder Dipped
Designation
Termination


Similar Part No. - CX7SM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX7SM STATEK-CX7SM Datasheet
101Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
logo
EUROQUARTZ limited
CX7SM EUROQUARTZ-CX7SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
More results

Similar Description - CX7SM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11SMAT EUROQUARTZ-CX11SMAT Datasheet
118Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
CX1SMAT EUROQUARTZ-CX1SMAT Datasheet
134Kb / 2P
   Designed for infrared, vapour phase or epoxy mounting
CX14SMAT EUROQUARTZ-CX14SMAT Datasheet
124Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
CX9SM EUROQUARTZ-CX9SM Datasheet
117Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
logo
Guangdong Youtai Semico...
IRLR3410TR UMW-IRLR3410TR Datasheet
468Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques.
IRFR3910TR UMW-IRFR3910TR Datasheet
772Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
IRFR024NTR UMW-IRFR024NTR Datasheet
537Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase, infrared,or wave soldering technigues.
logo
MICORO CRYSTAL SWITZERL...
VCXO2E MICROCRYSTAL-VCXO2E Datasheet
338Kb / 2P
   This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
   This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Vishay Siliconix
REC10LH VISHAY-REC10LH Datasheet
277Kb / 3P
   Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm
Revision: 26-Mar-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com