Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTS2A103F31A2F Datasheet(PDF) 9 Page - MERITEK ELECTRONICS CORPORATION

Part # TTS2A103F31A2F
Description  NTC Thermistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TTS2A103F31A2F Datasheet(HTML) 9 Page - MERITEK ELECTRONICS CORPORATION

  TTS2A103F31A2F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION TTS2A103F31A2F Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Electrical Characteristics
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B Value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Safety
Approvals
Part No.
R25 (K )
( ±%)
(K)
(±%)
Pmax(mW)
(mW/°C)
(Sec.)
TL~TU(°C)
UL
DHT0B502^355*
5
25/50 3550
DHT0B103^355*
10
25/50 3550
DHT0B103^395*
10
25/50 3950
DHT0A103^327*
10
25/85 3270
DHT0A103^34D*
10
25/85 3435
DHT0A103^347*
10
25/85 3470
DHT0A103^370*
10
25/85 3700
DHT0A103^39H*
10
25/85 3975
DHT0B203^395*
20
25/50 3950
DHT0B203^420*
20
25/50 4200
DHT0B303^395*
30
25/50 3950
DHT0B473^395*
47
25/50 3950
DHT0B503^395*
50
25/50 3950
DHT0B104^395*
100
25/50 3950
DHT0B104^400*
100
25/50 4000
DHT0A104^39H*
100
25/85 3975
DHT0A104^430*
100
25/85 4300
DHT0A204^400*
200
25/85 4000
DHT0A204^420*
200
25/85 4200
DHT0A204^430*
200
25/85 4300
DHT0B204^395*
200
25/50 3950
DHT0B204^420*
200
1,2,3,
5,10
25/50 4200
1,2,3
120
^2
^10
-40~+300
(Ni-plated
cp wire)
Note 1: ^ = Tolerance of R25
Note 2: * = Tolerance of B value
MERITEK
NTC Thermistors
DHT Series


Similar Part No. - TTS2A103F31A2F

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS2B10313381 THINKING-TTS2B10313381 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313382 THINKING-TTS2B10313382 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313383 THINKING-TTS2B10313383 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313471 THINKING-TTS2B10313471 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313472 THINKING-TTS2B10313472 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
More results

Similar Description - TTS2A103F31A2F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com