Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-HAM-CEL Datasheet(PDF) 3 Page - Vicor Corporation

Part # VE-HAM-CEL
Description  High-Boost Harmonic Attenuation Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-HAM-CEL Datasheet(HTML) 3 Page - Vicor Corporation

  VE-HAM-CEL Datasheet HTML 1Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 2Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 3Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 4Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 5Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 6Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 7Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 8Page - Vicor Corporation VE-HAM-CEL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
HAM, High-Boost Harmonic Attenuation Module
Rev. 2.5
Page 3 of 10
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Size
4.6 x 2.4 x 0.5
in
(116,8 x 61,0 x 12,7)
(mm)
Weight
6.4 (180)
oz (g)
Pin material
Solder plate
over copper alloy
Cover material
GE ULtem 2100 black
#7310 UL94-VO rated
Thermal shut down
90
100
°C
Baseplate temperature
MTBF
HAM
420,000
hrs
GB, 25°C
HAMD
424,000
hrs
GB, 25°C
BAMD
818,000
hrs
GB, 25°C
Parameter
Min
Typ
Max
Unit
Notes
Isolation (in to out)
None
Isolation provided by DC-DC converters
Dielectric withstand
2,121
Vdc
Baseplate earthed
(I/O to baseplate)
Capacitance
150
pF
Input to baseplate
Safety Standards
Markings
Notes
UL60950-1, EN60950-1, CSA 60950-1
cTÜVus, cURus
CE Marked
Low Voltage Directive
GENERAL SPECIFICATIONS
AGENCY APPROVALS
SAFETY SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (CONT.)


Similar Part No. - VE-HAM-CEL

ManufacturerPart #DatasheetDescription
logo
Powerbox
VE-HAM-CL POWERBOX-VE-HAM-CL Datasheet
707Kb / 1P
   AC INPUT HARMONIC ATTENUATOR MODULE
VE-HAM-CM POWERBOX-VE-HAM-CM Datasheet
707Kb / 1P
   AC INPUT HARMONIC ATTENUATOR MODULE
More results

Similar Description - VE-HAM-CEL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
   High-Boost Harmonic Attenuation Module
VI-HAM-CL VICOR-VI-HAM-CL_17 Datasheet
390Kb / 10P
   High-Boost Harmonic Attenuation Module
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8DCT WALSIN-RFLPF10051G8DCT Datasheet
191Kb / 2P
   High Attenuation on harmonic Suppressed
RFBPF1608060KLT WALSIN-RFBPF1608060KLT Datasheet
411Kb / 3P
   High attenuation on harmonic suppressed
AMDIP1606L96B8Q1C WALSIN-AMDIP1606L96B8Q1C Datasheet
583Kb / 6P
   High Attenuation on harmonic suppressed
RFLPF16081G8D7T WALSIN-RFLPF16081G8D7T Datasheet
568Kb / 2P
   High attenuation on harmonic suppressed
RFLPF10051G8D8T WALSIN-RFLPF10051G8D8T Datasheet
346Kb / 3P
   High attenuation on harmonic suppressed
AMDIP1606L96A8Q1C WALSIN-AMDIP1606L96A8Q1C Datasheet
624Kb / 6P
   High Attenuation on harmonic suppressed
AMLPF16080G9DM1T76 WALSIN-AMLPF16080G9DM1T76 Datasheet
498Kb / 6P
   High attenuation on harmonic suppressed
logo
Vicor Corporation
MICRORAM VICOR-MICRORAM Datasheet
1Mb / 8P
   Output Ripple Attenuation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com