Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-BAMD-CML Datasheet(PDF) 4 Page - Vicor Corporation

Part # VI-BAMD-CML
Description  High-Boost Harmonic Attenuation Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-BAMD-CML Datasheet(HTML) 4 Page - Vicor Corporation

  VI-BAMD-CML Datasheet HTML 1Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 2Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 3Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 4Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 5Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 6Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 7Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 8Page - Vicor Corporation VI-BAMD-CML Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Vicor Corp.
Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
HAM, High-Boost Harmonic Attenuation Module
Rev. 2.5
Page 4 of 10
Set your site on VICOR at vicorpower.com
The HAM (Figure 1) consists of a full-wave rectifier, a
high-frequency zero-current switching (ZCS) boost converter,
active inrush current limiting, short-circuit protection, control
and housekeeping circuitry. The incoming AC line is rectified
and fed to the boost converter. The control circuitry varies the
operating frequency of the boost converter to maintain the
output voltage of the HAM above the peak of the incoming
line, while forcing the input current to follow the waveshape
and phase of the line voltage. The AC input current follows the
voltage waveform and a power factor better than 0.99 is
achieved. Operating efficiency of the boost converter is
optimized at any incoming line voltage by an adaptive output
voltage (Figure 3) control scheme.
The output voltage of the HAM is a function of incoming AC
line voltage (Figure 3). On a nominal 115 Vac line, the output
voltage of the HAM is 280 Vdc — well within the input
operating voltage range of Vicor V375 DC-DC converters.
Above 180 Vac input, the output voltage linearly increases with
input voltage. At 230 Vac the delivered voltage will be
approximately 365 Vdc. For any given input line voltage, the
HAM maintains enough headroom between the output voltage
and peak input voltage to ensure high quality active power
factor correction without sacrificing operating efficiency.
Note:
Non-Isolated
Output
Gate In
Gate Out
ZCS
Boost
Converter
Inrush
& Short
Circuit
Protection
High Frequency
Control
Voltage
Waveform
Current
Sense
AC
Line
Control
& House-
keeping
Circuitry
Output Voltage
Module Enable
Power OK
DC
Out
Recti-
fier
Aux. Supply
+
NOTE: No input to output isolation.
Input Voltage
VRMS
Rated Output Power
Output Voltage
400
450
500
550
600
650
700
85
250
300
350
400
375
425
325
275
95 105 115 125 135 145 155 165 175 185 195 205 215 225 235 245 255 265
derate output power 11 W/V for Vin <110 Vac
110
Figure 1 — HAM block diagram
Figure 2 — Input voltage and current wave forms, with and
without power factor correction
Without PFC
With PFC
Figure 3 — Output voltage and power rating versus input voltage
TECHNICAL DESCRIPTION


Similar Part No. - VI-BAMD-CML

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-BAMD-CM VICOR-VI-BAMD-CM Datasheet
223Kb / 6P
   Harmonic Attenuator Modules
More results

Similar Description - VI-BAMD-CML

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
   High-Boost Harmonic Attenuation Module
VI-HAM-CL VICOR-VI-HAM-CL_17 Datasheet
390Kb / 10P
   High-Boost Harmonic Attenuation Module
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8DCT WALSIN-RFLPF10051G8DCT Datasheet
191Kb / 2P
   High Attenuation on harmonic Suppressed
RFBPF1608060KLT WALSIN-RFBPF1608060KLT Datasheet
411Kb / 3P
   High attenuation on harmonic suppressed
AMDIP1606L96B8Q1C WALSIN-AMDIP1606L96B8Q1C Datasheet
583Kb / 6P
   High Attenuation on harmonic suppressed
RFLPF16081G8D7T WALSIN-RFLPF16081G8D7T Datasheet
568Kb / 2P
   High attenuation on harmonic suppressed
RFLPF10051G8D8T WALSIN-RFLPF10051G8D8T Datasheet
346Kb / 3P
   High attenuation on harmonic suppressed
AMDIP1606L96A8Q1C WALSIN-AMDIP1606L96A8Q1C Datasheet
624Kb / 6P
   High Attenuation on harmonic suppressed
AMLPF16080G9DM1T76 WALSIN-AMLPF16080G9DM1T76 Datasheet
498Kb / 6P
   High attenuation on harmonic suppressed
logo
Vicor Corporation
MICRORAM VICOR-MICRORAM Datasheet
1Mb / 8P
   Output Ripple Attenuation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com