Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048T320M006 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048T320M006
Description  VTM Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T320M006 Datasheet(HTML) 2 Page - Vicor Corporation

  V048T320M006 Datasheet HTML 1Page - Vicor Corporation V048T320M006 Datasheet HTML 2Page - Vicor Corporation V048T320M006 Datasheet HTML 3Page - Vicor Corporation V048T320M006 Datasheet HTML 4Page - Vicor Corporation V048T320M006 Datasheet HTML 5Page - Vicor Corporation V048T320M006 Datasheet HTML 6Page - Vicor Corporation V048T320M006 Datasheet HTML 7Page - Vicor Corporation V048T320M006 Datasheet HTML 8Page - Vicor Corporation V048T320M006 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F480T006
Rev. 3.1
Page 2 of 11
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26.0
48
55
Vdc
Max Vin = 53 V, operating from -55°C to -40°C
Input dV/dt
1
V/µs
Input overvoltage turn on
55.0
Vdc
Input overvoltage turn off
60.0
Vdc
Input current
6.8
Adc
Input reflected ripple current
143
mA p-p
Using test circuit in Figure 15; See Figure 1
No load power dissipation
3.5
5.3
W
Internal input capacitance
4.0
µF
Internal input inductance
5
nH
Input Specs (Conditions are at 48 VIN, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
26.0
55.0
Vdc
No load
24.7
53.8
Vdc
Full load
Rated DC current
0
6.3
Adc
26.0 - 55 VIN
Peak repetitive current
9.4
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
6
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 9
Efficiency
Half load
95.7
96.7
%
See Figure 3
Full load
95.4
96.4
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
6
µF
Effective value
Output overvoltage set point
55.0
Vdc
Module will shut down
Output ripple voltage
No external bypass
180
320
mVp-p
See Figures 2 and 5
9.4 µF bypass capacitor
20
mVp-p
See Figure 6
Effective switching frequency
3.2
3.3
3.5
MHz
Fixed, 1.7 MHz per phase
Line regulation
K
0.9900
1
1.0100
VOUT = K•VIN at no load
Load regulation
ROUT
188.0
210.0
See Figure 16
Transient response
Voltage overshoot
1.2
mV
6.3 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 48 VIN, full load, and 25°C ambient unless otherwise specified)
Specifications


Similar Part No. - V048T320M006

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048T320M009 VICOR-V048T320M009 Datasheet
998Kb / 11P
   VTM Current Multiplier
V048T320M009A VICOR-V048T320M009A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
More results

Similar Description - V048T320M006

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com