Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB048Q096T80N2-OO Datasheet(PDF) 3 Page - Vicor Corporation

Part # IB048Q096T80N2-OO
Description  5:1 Intermediate Bus Converter Module: Up to 850 W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048Q096T80N2-OO Datasheet(HTML) 3 Page - Vicor Corporation

  IB048Q096T80N2-OO Datasheet HTML 1Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 2Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 3Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 4Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 5Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 6Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 7Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 8Page - Vicor Corporation IB048Q096T80N2-OO Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IBC MODULE
Rev 1.2
vicorpower.com
Page 3 of 15
1/2013
800 735.6200
IB0xxQ096T80xx-xx
All specifications valid at 48 VIN , 100% rated load and 25 °C ambient, unless otherwise indicated.
SPECIFICATIONS
Electrical Characteristics
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
GENERAL INPUT SPECIFICATIONS
Turn ON delay
Start up inhibit
VIN reaching turn-on voltage
20
25
30
ms
to enable function operational, see Figure 6
Turn-on delay
Enable to 10% V
OUT; pre-applied VIN
,
50
µs
see Figure 7, 0 load capacitance
Output voltage rise time
From 10% to 90% V
OUT, 10% load,
50
µs
0 load capacitance
Restart turn-on delay
See page 11 for restart after EN pin disable
250
ms
No Load power dissipation
Enabled
3.1
4.5
W
Disabled
0.12
0.15
W
Input current
Low line, full load
16.1
A
Inrush current overshoot
Using test circuit in Figure 21, 15% load, high line
16.8
A
Input reflected ripple current
At max power;
850
mArms
Using test circuit in Figure 22; see Fig 5
Peak short circuit input current
65
A
Repetitive short circuit peak current
25
A
Internal input capacitance
17.6
μF
Internal input inductance
5
nH
Recommended external
200 nH maximum source inductance
47
470
μF
input capacitance
INPUT RANGE SPECIFIC CHARACTERISTICS
IB048Q096T80xx-xx
Operating input voltage
38
48
55
Vdc
Non-operating input surge withstand
<100 ms
75
Vdc
Undervoltage protection
Turn-on
33
36
Vdc
Turn-off
31
34
Vdc
Turn-on/ Turn-off hysteresis
2
Vdc
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn-off
60
64
Vdc
Turn-on
55
64
Vdc
Time constant
4
µs
DC Output voltage band
No load, over Vin range
7.6
9.6
11
Vdc
Output OVP set point
Module will shut down
12
12.8
Vdc
Dielectric withstand
Input to output and input to baseplate,
1,500
Vdc
1 min
Output to baseplate
707
Vdc


Similar Part No. - IB048Q096T80N2-OO

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N1-BP VICOR-IB048Q096T64N1-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N1-OO VICOR-IB048Q096T64N1-OO Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N2-BP VICOR-IB048Q096T64N2-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N2-OO VICOR-IB048Q096T64N2-OO Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
More results

Similar Description - IB048Q096T80N2-OO

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com