Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOB266L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB266L
Description  60V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB266L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB266L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB266L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB266L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB266L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB266L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB266L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB266L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AOT266L/AOB266L/AOTF266L
60V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
140A/78A
RDS(ON) (at VGS=10V)
< 3.5m
Ω (< 3.2mΩ)
RDS(ON) (at VGS=6V)
< 4.0m
Ω (< 3.8mΩ)
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
60V
AOT266L/AOB266L
AOTF266L
Drain-Source Voltage
60
The AOT266L & AOB266L & AOTF266L uses Trench
MOSFET technology that is uniquely optimized to provide
the most efficient high frequency switching performance.
Both conduction and switching power losses are
minimized due to an extremely low combination of RDS(ON),
Ciss and Coss. This device is ideal for boost converters
and synchronous rectifiers for consumer, telecom,
industrial power supplies and LED backlighting.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
±20
Gate-Source Voltage
G
D
S
TO-263
D2PAK
G
D
S
G
D
S
D
S
G
Top View
TO-220F
TO-220
AOTF266L
AOT266L
AOB266L
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
78
110
55
450
Maximum Junction-to-Case
Pulsed Drain Current
C
Continuous Drain
Current
G
Power Dissipation
A
15
TC=100°C
Power Dissipation
B
PD
134
22.5
-55 to 175
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.56
60
3.3
W
TA=70°C
1.3
TA=25°C
2.1
PDSM
A
TA=25°C
IDSM
268
45.5
18
140
90
Avalanche energy L=0.1mH
C
A
TA=70°C
Continuous Drain
Current
405
ID
W
TC=25°C
°C
Thermal Characteristics
Parameter
AOT266L/AOB266L
AOTF266L
Maximum Junction-to-Ambient
A
°C/W
RθJA
15
60
TC=25°C
TC=100°C
mJ
Avalanche Current
C
14
A
Units
Junction and Storage Temperature Range
Rev 2 : May 2012
www.aosmd.com
Page 1 of 7


Similar Part No. - AOB266L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB266L ISC-AOB266L Datasheet
315Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB266L VBSEMI-AOB266L Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - AOB266L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com