Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOB254L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB254L
Description  150V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB254L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB254L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB254L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB254L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB254L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB254L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB254L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT254L/AOB254L
150V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
32A
RDS(ON) (at VGS=10V)
< 46m
RDS(ON) (at VGS =4.5V)
< 53m
100% UIS Tested
100% Rg Tested
Symbol
The AOT254L/AOB254L uses Trench MOSFET
technology that is uniquely optimized to provide the most
efficient high frequency switching performance. Both
conduction and switching power losses are minimized
due to an extremely low combination of RDS(ON), Ciss and
Coss. This device is ideal for boost converters and
synchronous rectifiers for consumer, telecom, industrial
power supplies and LED backlighting.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
150V
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
D
TO-263
D2PAK
Top View
Bottom View
D
D
S
G
G
S
AOT254L
AOB254L
Symbol
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
48
15
V
±20
Gate-Source Voltage
Drain-Source Voltage
150
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
Max
V
Maximum
Units
Parameter
mJ
Avalanche Current
C
3.3
Continuous Drain
Current
7
4.2
A
12
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
ID
32
22.5
TC=25°C
TC=100°C
70
Pulsed Drain Current
C
Continuous Drain
Current
W
Power Dissipation
A
PDSM
W
TA=70°C
125
1.3
TA=25°C
TC=25°C
2.1
62.5
TC=100°C
Power Dissipation
B
PD
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.7
60
1.2
Rev 0 : March. 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AOB254L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOB254L VBSEMI-AOB254L Datasheet
1,004Kb / 8P
   N-Channel 150V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOB254L ISC-AOB254L Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOB254L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com