Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT240L Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOT240L
Description  40V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT240L Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOT240L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AOT240L/AOB240L/AOTF240L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
50
100
150
200
0
25
50
75
100
125
150
175
T
CASE
°
°
°C)
Figure 16: Power De-rating (Note F)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
T
CASE
°
°
°C)
Figure 17: Current De-rating (Note F)
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 18: Single Pulse Power Rating Junction-to-
T
A=25°C
10
100
1000
1
10
100
1000
Time in avalanche, t
A
µµµs)
Figure 15: Single Pulse Avalanche capability
(Note C)
T
A=25°C
T
A=150°C
T
A=100°C
T
A=125°C
40
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 19: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Figure 17: Current De-rating (Note F)
Figure 18: Single Pulse Power Rating Junction-to-
Ambient (Note H)
RθJA=65°C/W
Rev 1 : Dec. 2011
www.aosmd.com
Page 6 of 7


Similar Part No. - AOT240L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT240L VBSEMI-AOT240L Datasheet
968Kb / 7P
   N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT240L ISC-AOT240L Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT240L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com