Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOB15S60 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOB15S60
Description  600V 15A a MOS power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB15S60 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOB15S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB15S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB15S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB15S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB15S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB15S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOT15S60/AOB15S60/AOTF15S60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
5
10
15
20
25
Qg (nC)
Figure 8: Gate-Charge Characteristics
VDS=480V
ID=7.5A
1
10
100
1000
10000
0
100
200
300
400
500
600
VDS (Volts)
Figure 9: Capacitance Characteristics
Ciss
Coss
Crss
0.01
0.1
1
10
100
1
10
100
1000
VDS (Volts)
Figure 11: Maximum Forward Biased Safe
Operating Area for AOT(B)15S60 (Note F)
10
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS (Volts)
Figure 12: Maximum Forward Biased Safe
Operating Area for AOTF15S60L(Note F)
10
µs
10ms
1ms
0.1s
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
1s
10s
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 7: Body-Diode Characteristics (Note E)
25°C
125°C
0
2
4
6
8
0
100
200
300
400
500
600
VDS (Volts)
Figure 10: Coss stroed Energy
Eoss
Rev 0: Aug 2011
www.aosmd.com
Page 4 of 6


Similar Part No. - AOB15S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB15S60 AOSMD-AOB15S60 Datasheet
348Kb / 6P
   600V 15A a MOS Power Transistor
logo
Inchange Semiconductor ...
AOB15S60 ISC-AOB15S60 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB15S60L AOSMD-AOB15S60L Datasheet
348Kb / 6P
   600V 15A a MOS Power Transistor
logo
Inchange Semiconductor ...
AOB15S60L ISC-AOB15S60L Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOB15S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB15S60L AOSMD-AOB15S60L Datasheet
348Kb / 6P
   600V 15A a MOS Power Transistor
AOW15S60 AOSMD-AOW15S60 Datasheet
333Kb / 6P
   600V 15A a MOS POWER Transistor
AOB15S65 AOSMD-AOB15S65 Datasheet
308Kb / 7P
   650V 15A a MOS Power Transistor
AOW15S65 AOSMD-AOW15S65 Datasheet
267Kb / 6P
   650V 15A a MOS TM Power Transistor
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
   600V 7A a MOS Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
   600V 20A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
   600V 7A a MOS Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com