Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOTF10N60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF10N60
Description  600V,10A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF10N60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF10N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOT10N60/AOB10N60/AOTF10N60
Symbol
Min
Typ
Max
Units
600
700
BVDSS
/∆TJ
0.65
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3
4
4.5
V
RDS(ON)
0.6
0.75
gFS
15
S
VSD
0.73
1
V
IS
Maximum Body-Diode Continuous Current
10
A
ISM
36
A
Ciss
1100
1320
1600
pF
Coss
105
130
160
pF
Crss
7.5
9.3
11
pF
Rg
3
3.8
6
Qg
31
40
nC
Qgs
6
10
nC
Qgd
14.4
20
nC
tD(on)
28
35
ns
tr
66
80
ns
tD(off)
76
95
ns
tf
64
80
ns
trr
290
350
ns
Qrr
3.9
4.7
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Static Drain-Source On-Resistance
VGS=10V, ID=5A
Reverse Transfer Capacitance
IF=10A,dI/dt=100A/µs,VDS=100V
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=40V, ID=5A
Forward Transconductance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
VDS=5V ID=250µA
VDS=480V, TJ=125°C
Zero Gate Voltage Drain Current
IDSS
Zero Gate Voltage Drain Current
VDS=600V, VGS=0V
ID=250µA, VGS=0V
Diode Forward Voltage
Turn-Off DelayTime
VGS=10V, VDS=300V, ID=10A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=480V, ID=10A
Gate Source Charge
Gate Drain Charge
BVDSS
Body Diode Reverse Recovery Charge IF=10A,dI/dt=100A/µs,VDS=100V
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
µA
VDS=0V, VGS=±30V
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. L=60mH, IAS=4.4A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev7: Jul 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AOTF10N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF10N60 AOSMD-AOTF10N60 Datasheet
182Kb / 6P
   600V, 10A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOTF10N60 ISC-AOTF10N60 Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF10N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
   600V,10A N-Channel MOSFET
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
   600V,10A N-Channel MOSFET
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
   600V, 10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60 AOSMD-AOW10T60 Datasheet
255Kb / 6P
   600V,10A N-Channel MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com