Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTM48EH015_050A00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # VTM48EH015_050A00
Description  VTM?줓urrent Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VTM48EH015_050A00 Datasheet(HTML) 2 Page - Vicor Corporation

  VTM48EH015_050A00 Datasheet HTML 1Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 2Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 3Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 4Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 5Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 6Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 7Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 8Page - Vicor Corporation VTM48EH015_050A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. 2.3
6/2012
Page 2 of 16
VI CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
015
050A00
x
EH
48
VTM
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Input Voltage Range
VIN
No external VC applied
26
55
VDC
VC applied
0
55
VIN Slew Rate
dVIN /dt
1
V/µs
VIN UV Turn Off
VIN_UV
Module latched shutdown,
16.2
26.0
V
No external VC applied, IOUT = 50A
No Load power dissipation
PNL
VIN = 42 V
1.2
5.0
W
VIN = 26 V to 55 V
7.1
VIN = 42 V, TC = 25 ºC
2.6
3.5
VIN = 26 V to 55 V, TC = 25 ºC
4.8
Inrush current peak
IINRP
VC enable, VIN = 42 V COUT = 5000 µF,
2.5
10
A
RLOAD = 28 m
Ω
DC input current
IIN_DC
1.8
A
Transfer ratio
K
K = VOUT/VIN, IOUT = 0 A
1/32
V/ V
Output voltage
VOUT
VOUT = VIN K - IOUT ROUT, Section 11
V
Output current (average)
IOUT_AVG
50
A
Output current (peak)
IOUT_PK
TPEAK < 10 ms, IOUT_AVG ≤ 50 A
75
A
Output power (average)
POUT_AVG
IOUT_AVG ≤ 50 A
80
W
VIN = 42 V, IOUT = 50 A
87.2
88.6
Efficiency (ambient)
ηAMB
VIN = 26 V to 55 V, IOUT = 50 A
83.0
%
VIN = 42 V, IOUT = 25 A
86.3
88.0
Efficiency (hot)
η
HOT
VIN = 42 V, TC = 100 °C, IOUT = 50 A
87.0
88.3
%
Efficiency (Over load range)
η
20%
10 A < IOUT < 50 A
70.0
%
Output resistance (Cold)
ROUT_COLD
TC = -40 °C, IOUT = 50 A
1.2
1.5
1.8
m
Ω
Output resistance (Ambient)
ROUT_AMB
TC = 25 °C, IOUT = 50 A
1.5
1.8
2.2
m
Ω
Output resistance (Hot)
ROUT_HOT
TC = 100 °C, IOUT = 50 A
1.9
2.2
2.5
m
Ω
Switching frequency
FSW
1.30
1.45
1.60
MHz
Output ripple frequency
FSW_RP
2.60
2.90
3.20
MHz
Output voltage ripple
VOUT_PP
COUT = 0 F, IOUT = 50 A, VIN = 42 V,
155
300
mV
20 MHz BW, Section 12
Output inductance (parasitic)
LOUT_PAR
Frequency up to 30 MHz,
600
pH
Simulated J-lead model
Output capacitance (internal)
COUT_INT
VOUT = 1.5 V
130
µF
Output capacitance (external)
COUT_EXT
VTM Standalone Operation
5000
µF
VIN pre-applied, VC enable
PROTECTION
OVLO
VIN_OVLO+
Module latched shutdown
55.5
57.7
59.8
V
Overvoltage lockout
TOVLO
Effective internal RC filter
2.4
µs
response time
Output overcurrent trip
IOCP
60
75
100
A
Short circuit protection trip current
ISCP
75
A
Output overcurrent response
TOCP
Effective internal RC filter (Integrative).
8
ms
time constant
Short circuit protection response time
TSCP
From detection to cessation
1
µs
of switching (Instantaneous)
Thermal shutdown setpoint
TJ_OTP
125
130
135
ºC
1.0 ABSOLUTE MAXIMUM VOLTAGE RATINGS
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent
damage to the device.
2.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature
range of -40 °C < TJ < 125 °C (T-Grade); All other specifications are at TJ = 25 ºC unless otherwise noted.
MIN
MAX
UNIT
+ IN to - IN . . . . . . . . . . . . . . . . . . . . . . .
-1.0
60
VDC
PC to - IN . . . . . . . . . . . . . . . . . . . . . . . .
-0.3
20
VDC
TM to -IN . . . . . . . . . . . . . . . . . . . . . . . .
-0.3
7
VDC
VC to - IN . . . . . . . . . . . . . . . . . . . . . . . .
-0.3
20
VDC
MIN
MAX
UNIT
IM to - IN.................................................
0
3.15
VDC
+ IN / - IN to + OUT / - OUT (hipot)........
2250
VDC
+ IN / - IN to + OUT / - OUT (working)...
60
VDC
+ OUT to - OUT.......................................
-1.0
4
VDC


Similar Part No. - VTM48EH015_050A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EH015M050A00 VICOR-VTM48EH015M050A00 Datasheet
1Mb / 16P
   Current Multiplier
VTM48EH015M050A00 VICOR-VTM48EH015M050A00 Datasheet
2Mb / 16P
   High Efficiency, Sine Amplitude Converter
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
2Mb / 16P
   High Efficiency, Sine Amplitude Converter
logo
Powerbox
VTM48EH015x050A00 POWERBOX-VTM48EH015x050A00 Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
More results

Similar Description - VTM48EH015_050A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
VTM48FH060_020A00 VICOR-VTM48FH060_020A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
V048F160T015 VICOR-V048F160T015 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
VTM48EH020_040A00 VICOR-VTM48EH020_040A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
VTM48EH040_025A00 VICOR-VTM48EH040_025A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
VTM48EH120_010A00 VICOR-VTM48EH120_010A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com