Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO8830 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO8830
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO8830 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO8830 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AO8830
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
01
23
45
VDS(Volts)
Figure 1: On-Regions Characteristi
cs
VGS =1.5V
VGS =2V
3V
4V
10V
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VGS=5V
0
10
20
30
40
50
60
0
5
10
15
20
ID(A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS =4.5V
VGS =2.5V
VGS =1.8V
VGS =10V
0.6
0.8
1.0
1.2
1.4
1.6
-50
0
50
100
150
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=4.5V
VGS=2.5V
VGS=1.8V
ID=5A
ID=4A
ID=2A
VGS=10V
ID=6A
10
20
30
40
50
60
70
80
02
46
8
10
VGS(Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
ID=6A
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD(Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO8830

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO8830

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com