Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO8830 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO8830
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO8830 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO8830 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO8830 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO8830
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
10
BVGSO
±12
V
VGS(th)
0.5
0.6
1
V
ID(ON)
30
A
16
22
27
TJ=125°C
31
19
25
30
mΩ
22
30
37
25
32
41
mΩ
32
42
55
mΩ
gFS
21
S
VSD
0.75
1
V
IS
2.5
A
Ciss
290
pF
Coss
120
pF
Crss
40
pF
Rg
1.6
kΩ
Qg
5.2
nC
Qgs
2.1
nC
Qgd
1.9
nC
tD(on)
280
ns
tr
972
ns
tD(off)
2.35
µ
s
tf
2.2
µ
s
trr
25
ns
Qrr
8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Gate-Source Breakdown Voltage
VDS=0V, IG=±250uA
Gate Threshold Voltage
VDS=VGS ID=1mA
Diode Forward Voltage
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=0V, VDS=10V, f=1MHz
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=4.5V, VDS=10V, RL=1.7Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=10V, ID=6A
Gate Source Charge
mΩ
VGS=2.5V, ID=4A
IS=1A,VGS=0V
VDS=5V, ID=6A
VGS=1.8V, ID=2A
VGS=4.5V, ID=5A
VGS=3.1V, ID=4A
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
µ
A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
VDS=16V, VGS=0V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±10V
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=6A, dI/dt=100A/µs, VGS=-9V
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=10V, ID=6A
Reverse Transfer Capacitance
IF=6A, dI/dt=100A/µs, VGS=-9V
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25°C. The
value in any given application depends on the user's specific board design. The currentand power rating is based on the t≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using <300µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA
curve provides a single pulse rating.
Rev 5: July 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO8830

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO8830

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com