Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC6N137 Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KPC6N137
Description  Super High Speed Response Photocoupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N137 Datasheet(HTML) 6 Page - COSMO Electronics Corporation

  KPC6N137 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N137 Datasheet HTML 8Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PRODUCT
SPECIFICATION
DATE:03/26/2012
NO.60P51012
REV
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC6N137
SHEET 6 OF8
4
Fig.1 Low Level Output Voltage vs. Ambient
Temperature
Fig.2 Input Diode Forward Voltage
vs. Forward Current
Ambient temperature Ta( ℃)
Forward Voltage VF (V)
Fig.3 Switching Time VS. Forward Current
Fig.4 Low Level Output Current
vs. Ambient Temperature
IF
IF-Forward Current (mA
)
Ambient temperature Ta( ℃)
Fig.5 Input Threshold Current
vs. Ambient Temperature
Fig.6 Output Voltage VS. Input Forward
Current
Ambient temperature Ta( ℃)
IF-Forward Current (mA)
-40
-20
0
20
40
60
80
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Condiction:
IF=5mA
VE=2V
VCC=5.5V
IOL=16mA
IOL=12.8mA
IOL=6.4mA
IOL=9.6mA
57
9
11
13
15
0
20
40
60
80
100
120
RL=4KΩ(TPLH)
RL=1KΩ(TPLH)
RL=350Ω(TPLH)
RL=1KΩ
RL=4KΩ(TPLH)
RL=350KΩ
-40
-20
0
20
40
60
80
20
25
30
35
40
45
50
Condiction:
VCC=5V
VE=2V
VOL=0.6V
IF=15mA
IF=10mA
IF=5mA
-40
-20
0
20
40
60
80
1
2
3
4
RL=4KΩ
RL=1KΩ
RL=350Ω
Condiction:
VCC=5V
VO=0.6V
01
2
3
4
5
0
1
2
3
4
5
6
6
RL=4KΩ
RL=350Ω
RL=1KΩ


Similar Part No. - KPC6N137

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137HTL COSMO-KPC6N137HTL Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137HTLD COSMO-KPC6N137HTLD Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137HTR COSMO-KPC6N137HTR Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137HTRU COSMO-KPC6N137HTRU Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results

Similar Description - KPC6N137

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
   Super High Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
   Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
   Ultra-high Speed Response and High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com