Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMB0004MFT Datasheet(PDF) 4 Page - Vicor Corporation

Part # VMB0004MFT
Description  BCM Bus Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VMB0004MFT Datasheet(HTML) 4 Page - Vicor Corporation

  VMB0004MFT Datasheet HTML 1Page - Vicor Corporation VMB0004MFT Datasheet HTML 2Page - Vicor Corporation VMB0004MFT Datasheet HTML 3Page - Vicor Corporation VMB0004MFT Datasheet HTML 4Page - Vicor Corporation VMB0004MFT Datasheet HTML 5Page - Vicor Corporation VMB0004MFT Datasheet HTML 6Page - Vicor Corporation VMB0004MFT Datasheet HTML 7Page - Vicor Corporation VMB0004MFT Datasheet HTML 8Page - Vicor Corporation VMB0004MFT Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. 1.6
2/2010
Page 4 of 19
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
VMB0004MFJ - VMB0004MFT
1.0 ELECTRICAL CHARACTERISTICS (CONT.)
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of --55°C < TJ < 125°C (M-Grade); All other specifications are at TJ = 25ºC unless otherwise noted
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
TM
TM accuracy
ACTM
-5
+5
ºC
TM Gain
ATM
10
mV/°C
TM Source Current
ITM
100
uA
TM Internal Resistance
RTM_SNK
25
40
50
k
Ω
External TM Capacitance
CTM
50
pF
TM Voltage Ripple
VTM_PP
CTM = 0µF, VIN = 330 V, POUT = 235 W
200
400
500
mV
PROTECTION
Negative going OVLO
VIN_OVLO-
350
365
380
V
Positive going OVLO
VIN_OVLO+
355
372
385
V
Negative going UVLO
VIN_UVLO-
90
115
125
V
Positive going UVLO
VIN_UVLO+
100
125
135
V
Output Overcurrent Trip
IOCP
VIN = 270 V, 25°C
9
12
14
A
Short Circuit Protection
ISCP
14
A
Trip Current
Short Circuit Protection
TSCP
0.8
1
1.2
us
Response Time
Thermal Shutdown
TJ_OTP
125
130
135
°C
Junction setpoint
GENERAL SPECIFICATION
Isolation Voltage (Hi-Pot)
VHIPOT
4242
V
Working Voltage (IN – OUT)
VWORKING
500
V
Isolation Capacitance
CIN_OUT
Unpowered unit
500
660
800
pF
Isolation Resistance
RIN_OUT
10
M
Ω
MTBF
MIL HDBK 217F, 25° C, GB
4.2
Mhrs
Agency Approvals/Standards
cTUVus
CE Mark


Similar Part No. - VMB0004MFT

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VMB0004MFT VICOR-VMB0004MFT Datasheet
1Mb / 18P
   DC to DC Bus Converter Module
More results

Similar Description - VMB0004MFT

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com