Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMB0004MFJ Datasheet(PDF) 8 Page - Vicor Corporation

Part # VMB0004MFJ
Description  BCM Bus Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VMB0004MFJ Datasheet(HTML) 8 Page - Vicor Corporation

Back Button VMB0004MFJ Datasheet HTML 4Page - Vicor Corporation VMB0004MFJ Datasheet HTML 5Page - Vicor Corporation VMB0004MFJ Datasheet HTML 6Page - Vicor Corporation VMB0004MFJ Datasheet HTML 7Page - Vicor Corporation VMB0004MFJ Datasheet HTML 8Page - Vicor Corporation VMB0004MFJ Datasheet HTML 9Page - Vicor Corporation VMB0004MFJ Datasheet HTML 10Page - Vicor Corporation VMB0004MFJ Datasheet HTML 11Page - Vicor Corporation VMB0004MFJ Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Rev. 1.6
2/2010
Page 8 of 19
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
VMB0004MFJ - VMB0004MFT
Figure 13 – PC disable waveform, 270 VIN, 100 µF COUT full load
0
50
100
150
200
250
300
350
400
29.00
31.00
33.00
35.00
37.00
39.00
41.00
Steady State
5 mS 352.5 W Ave
Safe Operating Area
Figure 14 – Safe Operating Area vs. VOUT
0
20
40
60
80
100
120
125
150
200
250
280
300
330
350
400
OVP
Normal
Operating Range
50 mS operation
full current
MIL-STD-704F Envelope of normal
V transients for 270 Vdc systems
50 mS full current 1% duty
50% rated current
mS
UVL
Figure 15 — Envelope of normal voltage transient for 270 volts DC system.


Similar Part No. - VMB0004MFJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VMB0004MFJ VICOR-VMB0004MFJ Datasheet
481Kb / 2P
   HV Bus Converter Family
VMB0004MFJ VICOR-VMB0004MFJ Datasheet
1Mb / 18P
   DC to DC Bus Converter Module
More results

Similar Description - VMB0004MFJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com