Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8032BR Datasheet(PDF) 10 Page - Analog Devices

Part # AD8032BR
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032BR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8032BR Datasheet HTML 6Page - Analog Devices AD8032BR Datasheet HTML 7Page - Analog Devices AD8032BR Datasheet HTML 8Page - Analog Devices AD8032BR Datasheet HTML 9Page - Analog Devices AD8032BR Datasheet HTML 10Page - Analog Devices AD8032BR Datasheet HTML 11Page - Analog Devices AD8032BR Datasheet HTML 12Page - Analog Devices AD8032BR Datasheet HTML 13Page - Analog Devices AD8032BR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
–10–
REV. B
AD8031/AD8032–Typical Performance Characteristics
FREQUENCY – Hz
1k
10M
100k
1M
0
10
8
6
4
2
VS = 5V
10k
VS = +5V
VS = +2.7V
Figure 27. Large Signal Response
FREQUENCY – MHz
0.1
100
110
100
50
10
1
0.1
RBT = 50
200
RBT = 0
VOUT
RBT
Figure 28. ROUT vs. Frequency
VS = +5V
FREQUENCY – Hz
100k
1k
10k
0
–40
–60
–80
1M
–20
100
10M
–100
Figure 29. CMRR vs. Frequency
VS = +5V
FREQUENCY – Hz
100k
1k
10k
0
–40
–60
–80
–100
1M
–20
100
10M
–120
100M
Figure 30. PSRR vs. Frequency
10 s / Div
VS = +5V
RL = 10k
TO 2.5V
5.5
4.5
3.5
1.5
0.5
–0.5
2.5
VIN = 6V p-p
G = +1
Figure 31. Output Voltage
10 s / Div
VS = +5V
G = +1
INPUT = 650mV
BEYOND RAILS
5.5
4.5
3.5
1.5
0.5
2.5
INPUT
–0.5
Figure 32. Output Voltage Phase Reversal Behavior


Similar Part No. - AD8032BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8032BR AD-AD8032BR Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032BR AD-AD8032BR Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8032BR-REEL AD-AD8032BR-REEL Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032BR-REEL7 AD-AD8032BR-REEL7 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032BR-REEL7 AD-AD8032BR-REEL7 Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
More results

Similar Description - AD8032BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com