Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BH480T250A00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PRM48BH480T250A00
Description  PRM??Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BH480T250A00 Datasheet(HTML) 2 Page - Vicor Corporation

  PRM48BH480T250A00 Datasheet HTML 1Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 2Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 3Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 4Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 5Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 6Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 7Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 8Page - Vicor Corporation PRM48BH480T250A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
- 2 -
PRM48BH480 X 250A00
Rev. 1.0
11/2012
TYPICAL APPLICATIONS
Typical Application: PRM48BH480[x]250A00 + VTM Adaptive Loop Configuration
Typical Application: PRM48BH480[x]250A00 + VTM non-Isolated Remote Sense Configuration
[1] Non-Isolated Configuration: –Out connected to -IN
VTM Startup Pulse
Adaptive Loop Temperature Feedback
36V to 75V
VF: 20V to 55V
LF
RAL
RTRIM
CF
COUT
CIN
SGND
SGND
GND
ON/OFFCONTROL
VIN
VOUT
SEC_GND
TRIM
AL
+IN
-IN
+OUT
-OUT
VC
IFB
VT
REF/
REF_EN
VAUX
SHARE/
CONTROLNODE
ENABLE
SGND
PRM
SGND
+IN
-IN
+OUT
-OUT
VC
PC
PRIMARY
SECONDARY
ISOLATION BOUNDRY
TM
VTM
CF
CIN
36V to 75V
COUT
LF
VOLTAGE REFERENCE WITH SOFT START
V+
VOUT
+IN
V-
-IN
VOLTAGE SENSE AND ERRORAMPLIFIER
Voltage Sense
(SINGLE ENDED)
External Current Sense and Feedback
IN
OUT
GND
SGND
ON/OFFCONTROL
VIN
SGND
SGND
SGND
SGND
GND
GND
VOUT
VTM Startup Pulse
VREF
TRIM
AL
+IN
-IN
+OUT
-OUT
VC
IFB
VT
REF/
REF_EN
VAUX
SHARE/
CONTROL NODE
ENABLE
SGND
PRM
SGND
+IN
-IN
+OUT
-OUT
VC
PC
PRIMARY
SECONDARY
ISOLATION BOUNDRY
TM
VTM
[1]
[1]
VIN
38V to 55V
VIN
38V to 55V


Similar Part No. - PRM48BH480T250A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
More results

Similar Description - PRM48BH480T250A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
   PRM??Regulator
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR048A480T024FP VICOR-PR048A480T024FP Datasheet
692Kb / 13P
   PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com