Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB054Q096T64N2-BP Datasheet(PDF) 2 Page - Vicor Corporation

Part # IB054Q096T64N2-BP
Description  5:1 Intermediate Bus Converter Module: Up to 650 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q096T64N2-BP Datasheet(HTML) 2 Page - Vicor Corporation

  IB054Q096T64N2-BP Datasheet HTML 1Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 2Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 3Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 4Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 5Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 6Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 7Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 8Page - Vicor Corporation IB054Q096T64N2-BP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IB054Q096T64N1-00
IBC MODULE
Rev 1.3
vicorpower.com
Page 2 of 14
11/2012
800 735.6200
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
INPUT (Operating from DC input source)
Operating input voltage
36
48
60
Vdc
Operating input surge withstand
<100 mS
75
Vdc
Operating input dV/dt
0.003
5
V/us
Undervoltage protection
Turn-on
31
36
Vdc
Turn-off
29
34
Vdc
Turn-on/ Turn-off hysteresis
2
Vdc
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn-off
76
79.5
Vdc
Turn-on
75
78
Vdc
Time constant
4
µs
Turn ON delay
Start up inhibit
VIN reaching turn-on voltage
20
25
30
ms
to enable function operational, see Figure 6
Turn-on delay
Enable to 10% V
OUT; pre-applied VIN
,
50
µs
see Figure 7, 0 load capacitance
Output voltage rise time
From 10% to 90% V
OUT, 10% load,
50
µs
0 load capacitance
Restart turn-on delay
See page 10 for restart after EN pin disable
250
ms
No Load power dissipation
Enabled
2.3
3.5
W
Disabled
0.12
0.15
W
Input current
Low line, full load
14.1
A
Inrush current overshoot
Using test circuit in Figure 21, 15% load, high line
15.5
A
Input reflected ripple current
At max power;
750
mArms
Using test circuit in Figure 22; see Fig 5
Peak short circuit input current
40
A
Repetitive short circuit peak current
25
A
Internal input capacitance
17.6
μF
Internal input inductance
5
nH
Recommended external
200 nH maximum source inductance
47
470
μF
input capacitance
OUTPUT
DC Output voltage band
No load, over Vin range
7.2
9.6
12.0
V
Output power [a]
36-60 VIN
0
460
W
48-60 VIN
0
600
W
52-60 VIN
0
650
W
Output current
P
≤ 650 W
64
A
Output start up load
of Iout max, maximum output capacitance
15
%
Effective output resistance
3.2
m
Ω
Line regulation (K factor)
VOUT = K • VIN @ no load
0.198
0.200
0.2020
Current share accuracy
Full power operation; See Parallel Operation
10
%
on page 11; up to 3 units
All specifications valid at 48 VIN , 100% rated load and 25 °C ambient, unless otherwise indicated.
SPECIFICATIONS
Electrical Characteristics
[a] Does not exceed IPC-9592 derating guidelines. At 70 °C ambient, full power operation may exceed IPC-9592 guidelines, but does not exceed
component ratings, does not activate OTP and does not compromise reliability.


Similar Part No. - IB054Q096T64N2-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB054Q096T70N1-BP VICOR-IB054Q096T70N1-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-BP VICOR-IB054Q096T70N1-BP Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB054Q096T70N2-00 VICOR-IB054Q096T70N2-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results

Similar Description - IB054Q096T64N2-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q120T53N1-00 VICOR-IB050Q120T53N1-00 Datasheet
2Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com