Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVR14S471MY-S Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MVR14S471MY-S
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVR14S471MY-S Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MVR14S471MY-S Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVR14S471MY-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
07D 180K
11
14
18(15~21)
36
2.5
250
500
0.9
3.0
0.02
2800
07D 220K
14
18
22(20~24)
43
1.1
2.4
2300
07D 270K
17
22
27(24~30)
53
1.4
3.0
1800
07D 330K
20
26
33(30~36)
65
1.7
3.5
1500
07D 390K
25
31
39(35~43)
77
2.1
4.0
1300
07D 470K
30
38
47(42~52)
93
2.5
5.0
1100
07D 560K
35
45
56(50~62)
110
3.1
6.0
890
07D 680K
40
56
68(61~75)
135
3.6
7.0
740
07D 820K
50
65
82(74~90)
135
10
1200
1750
5.5
10.0
0.25
600
07D 101K
60
85
100(90~110)
165
6.5
12.0
500
07D 121K
75
100
120(108~132)
200
7.8
13.0
420
07D 151K
95
125
150(135~165)
250
9.7
13.0
330
07D 181K
115
150
180(162~198)
300
11.7
16.0
280
07D 201K
130
170
200(185~225)
340
13.0
17.0
250
07D 221K
140
180
220(198~242)
360
14.0
19.0
230
07D 241K
150
200
240(216~264)
395
15.0
21.0
210
07D 271K
175
225
270(243~297)
455
18.0
24.0
185
07D 301K
190
250
300(270~330)
500
20.0
26.0
165
07D 331K
210
275
330(297~363)
550
23.0
28.0
150
07D 361K
230
300
360(324~396)
595
25.0
32.0
140
07D 391K
250
320
390(351~429)
650
25.0
35.0
130
07D 431K
275
350
430(387~473)
710
28.0
40.0
115
07D 471K
300
385
470(423~517)
775
30.0
42.0
105
07D 511K
320
415
510(459~561)
845
30.0
45.0
100
07D 561K
350
460
560(504~616)
920
30.0
49.0
90
07D 621K
385
505
620(558~682)
1025
33.0
55.0
80
07D 681K
420
560
680(612~748)
1120
33.0
60.0
75
Part No.
Maximum
Allowable
Voltage
Varistor
Voltage
Clamping
Voltage
(Max.)
Maximum
Peak Current
(8/20
μs)(A)
Maximum
Energy
(10/1000 s J)
Rated
Power
Typical
Capacitance
Acrms
(V)
DC
(V)
V@1ma
(V)
VC
(V)
Ip
(A)
standard
high
surge
standard
high
surge
(w)
@1KHz
(pF)
MERITEK
Metal Oxide Varistors
MVRSeries
07D SPECIFICATION


Similar Part No. - MVR14S471MY-S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR1206-101G LEIDITECH-MVR1206-101G Datasheet
862Kb / 5P
   Maximum allowable continuous DC voltage VDC 85.0 V
MVR1206-120G LEIDITECH-MVR1206-120G Datasheet
602Kb / 5P
   Maximum allowable continuous DC voltage
MVR1206-120G LEIDITECH-MVR1206-120G Datasheet
831Kb / 5P
   Maximum allowable continuous DC voltage VDC 9.0 V
MVR1206-160G LEIDITECH-MVR1206-160G Datasheet
752Kb / 5P
   Maximum allowable continuous DC voltage
MVR1206-180G LEIDITECH-MVR1206-180G Datasheet
590Kb / 5P
   Maximum allowable continuous DC voltage
More results

Similar Description - MVR14S471MY-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com