Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO7407 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO7407
Description  20V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7407 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO7407 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7407 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7407 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7407 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7407 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AO7407
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-10V
Vdd
Vgs
Id
Vgs
Vds
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
L
2
E
= 1/2 LI
AR
AR
BV
DSS
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Resistive Switching Test Circuit & Waveforms
Vgs
Vds
t
t
t
t
t
t
90%
10%
r
on
d(off)
f
off
d(on)
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-10V
Vdd
Vgs
Id
Vgs
Rg
DUT
VDC
Vgs
Vds
Id
Vgs
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
L
2
E
= 1/2 LI
AR
AR
BV
DSS
I AR
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
dI/dt
RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
-Isd
-Vds
F
-I
-I
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Resistive Switching Test Circuit & Waveforms
Vgs
Vds
t
t
t
t
t
t
90%
10%
r
on
d(off)
f
off
d(on)
Rev 4: June 2010
www.aosmd.com
Page 5 of 5


Similar Part No. - AO7407

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO7407 ALPHA-AO7407 Datasheet
263Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO7407 VBSEMI-AO7407 Datasheet
1,018Kb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - AO7407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com