Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8058AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD8058AR
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8058AR Datasheet HTML 4Page - Analog Devices AD8058AR Datasheet HTML 5Page - Analog Devices AD8058AR Datasheet HTML 6Page - Analog Devices AD8058AR Datasheet HTML 7Page - Analog Devices AD8058AR Datasheet HTML 8Page - Analog Devices AD8058AR Datasheet HTML 9Page - Analog Devices AD8058AR Datasheet HTML 10Page - Analog Devices AD8058AR Datasheet HTML 11Page - Analog Devices AD8058AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD8057/AD8058
–8–
REV. A
FREQUENCY – MHz
1
1000
10
100
0.5
0.4
–0.5
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
VOUT = 0.2V
G = +2
RL = 1.0k
RF = 1.0k
Figure 21. 0.1 dB Flatness G = +2
FREQUENCY – MHz
0.1
100
1
10
–50
–60
–70
–80
–90
–100
–110
THD
2ND
3RD
Figure 22. Distortion vs. Frequency, RL = 150 Ω
VOUT – V p-p
–40
–50
–80
0.0
4.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
–60
–70
20MHz
5MHz
Figure 23. Distortion vs. VOUT @ 20 MHz, 5 MHz, RL = 150 Ω,
VS = ±5.0 V
VOUT – V p-p
5.0
4.5
0.0
0
4
12
3
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
RISE TIME
FALL TIME
Figure 24. Rise Time and Fall Time vs. VOUT. G = +1,
RL = 1 kΩ, RF = 0 Ω
VOUT – V p-p
5
4
0
0
4
1
23
3
2
1
RISE TIME
FALL TIME
Figure 25. Rise Time and Fall Time vs. VOUT. G = +2,
RL = 100 Ω, RF = 402 Ω
0.4%
0.3%
0.2%
0.1%
0.0%
–0.1%
–0.2%
–0.3%
–0.4%
0
1020
30 40
5060
VOUT = –1V TO + 1V OR +1V TO –1V
G = +2
RL = 100 /1k
TIME – ns
Figure 26. Settling Time


Similar Part No. - AD8058AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8058AR AD-AD8058AR Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058AR AD-AD8058AR Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058AR-EBZ AD-AD8058AR-EBZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058AR-REEL AD-AD8058AR-REEL Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058AR-REEL7 AD-AD8058AR-REEL7 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results

Similar Description - AD8058AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com