Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8055ART-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8055ART-REEL7
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ART-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8055ART-REEL7 Datasheet HTML 3Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 4Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 5Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 6Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 7Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 8Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 9Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 10Page - Analog Devices AD8055ART-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD8055/AD8056
–10–
REV. B
Power Dissipation Limits
With a 10 V supply (total VCC – VEE), the quiescent power dissi-
pation of the AD8055 in the SOT-23-5 package is 65 mW,
while the quiescent power dissipation of the AD8056 in the
microSOIC is 120 mW. This translates into a 15.6
°C rise above
the ambient for the SOT-23-5 package and a 24
°C rise for the
microSOIC package.
The power dissipated under heavy load conditions is approxi-
mately equal to the supply voltage minus the output voltage,
times the load current, plus the quiescent power computed above.
This total power dissipation is then multiplied by the thermal
resistance of the package to find the temperature rise, above
ambient, of the part. The junction temperature should be kept
below 150
°C.
The AD8055 in the SOT-23-5 package can dissipate 270 mW
while the AD8056 in the microSOIC package can dissipate
325 mW (at 85
°C ambient) without exceeding the maximum
die temperature. In the case of the AD8056, this is greater than
1.5 V rms into 50
Ω, enough to accommodate a 4 V p-p sine-wave
signal on both outputs simultaneously. But since each output of
the AD8055 or AD8056 is capable of supplying as much as
110 mA into a short circuit, a continuous short circuit condition
will exceed the maximum safe junction temperature.
Resistor Selection
The following table is provided as a guide to resistor selection
for maintaining gain flatness vs. frequency for various values of
gain.
–3 dB
Bandwidth
Gain
RF ( )RI ( )
(MHz)
+1
0
300
+2
402
402
160
+5
1k
249
45
+10
909
100
20
Driving Capacitive Loads
When driving a capacitive load, most op amps will exhibit peak-
ing in the frequency response just before the frequency rolls off.
Figure 36 shows the responses for an AD8056 running at a gain
of +2, with a 100
Ω load that is shunted by various values of
capacitance. It can be seen that under these conditions, the part
is still stable with capacitive loads of up to 30 pF.
FREQUENCY – MHz
5
4
–5
0.3
500
1
10
100
1
–2
–3
–4
3
2
–1
0
CL = 30pF
CL = 20pF
CL = 10pF
CL = 0pF
402
CL
100
402
50
VIN = 0dBm
Figure 36. Capacitive Load Drive
In general, to minimize peaking or to ensure the stability for
larger values of capacitive loads, a small series resistor, RS, can
be added between the op amp output and the capacitor, CL. For
the setup depicted in Figure 37, the relationship between RS and
CL was empirically derived and is shown in Figure 38. RS was
chosen to produce less than 1 dB of peaking in the frequency
response. Note also that after a sharp rise RS quickly settles to
about 25
Ω.
VIN = 0dBm
50
AD8055
VOUT
+5V
–5V
402
402
6
7
2
3
4
CL
0.1 F
10 F
0.1 F
10 F
RS
FET PROBE
Figure 37. Setup for RS vs. CL
CL – pF
0
270
10
20
30
40
50
60
40
0
35
20
15
10
5
30
25
Figure 38. RS vs. CL


Similar Part No. - AD8055ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055ART-REEL7 AD-AD8055ART-REEL7 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART-REEL7 AD-AD8055ART-REEL7 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results

Similar Description - AD8055ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com