Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE18004 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MJE18004
Description  POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE18004 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MJE18004 Datasheet HTML 2Page - Motorola, Inc MJE18004 Datasheet HTML 3Page - Motorola, Inc MJE18004 Datasheet HTML 4Page - Motorola, Inc MJE18004 Datasheet HTML 5Page - Motorola, Inc MJE18004 Datasheet HTML 6Page - Motorola, Inc MJE18004 Datasheet HTML 7Page - Motorola, Inc MJE18004 Datasheet HTML 8Page - Motorola, Inc MJE18004 Datasheet HTML 9Page - Motorola, Inc MJE18004 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MJE18004 MJF18004
6
Motorola Bipolar Power Transistor Device Data
0.1
Figure 13. Inductive Fall Time
Figure 14. Inductive Crossover Time
Figure 15. Forward Bias Safe Operating Area
Figure 16. Reverse Bias Safe
Operating Area
Figure 17. Forward Bias Power Derating
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC–VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate. The data of Figure 15 is based
on TC = 25°C; TJ(pk) is variable depending on power level.
Second breakdown pulse limits are valid for duty cycles to
1 0 % b u t m u s t b e d e r a t e d w h e n T C ≥ 25°C. Second
breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltages shown on Figure
15 may be found at any case temperature by using the
appropriate curve on Figure 17. TJ(pk) may be calculated
from the data in Figures 20 and 21. At any case tempera-
tures, thermal limitations will reduce the power that can be
handled to values less the limitations imposed by second
breakdown. For inductive loads, high voltage and current
must be sustained simultaneously during turn–off with the
base–to–emitter junction reverse biased. The safe level is
specified as a reverse–biased safe operating area (Figure
16). This rating is verified under clamped conditions so that
the device is never subjected to an avalanche mode.
hFE, FORCED GAIN
hFE, FORCED GAIN
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
GUARANTEED SAFE OPERATING AREA INFORMATION
3
6
12
15
9
70
4
5
7
8
10
11
13
14
3
6
12
15
50
4
5
13
14
10
1000
100
0.01
400
600
1100
900
0
500
800
700
1000
80
90
100
110
120
130
140
150
160
200
300
150
100
250
1.0
10
100
1.0
2.0
3.0
4.0
5.0
6.0
9
7
8
10
11
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
1.0
0.8
0.6
0.4
0.2
0
160
140
120
100
80
60
40
20
IC = 2 A
IC = 1 A
TJ = 25°C
TJ = 125°C
VZ = 300 V
VCC = 15 V
IB(off) = IC/2
LC = 200 µH
VZ = 300 V
VCC = 15 V
IB(off) = IC/2
LC = 200 µH
IC = 1 A
IC = 2 A
TJ = 25°C
TJ = 125°C
1
µs
10
µs
50
µs
1 ms
5 ms
DC (MJE18004)
DC (MJF18004)
Extended
SOA
TC ≤ 125°C
IC/IB ≥ 4
LC = 500 µH
VBE(off) =
0 V
–1.5 V
– 5 V
SECOND
BREAKDOWN
DERATING
THERMAL
DERATING


Similar Part No. - MJE18004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004 ONSEMI-MJE18004 Datasheet
422Kb / 10P
   POWER TRANSISTOR
1995 REV 3
logo
Savantic, Inc.
MJE18004 SAVANTIC-MJE18004 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJE18004 ONSEMI-MJE18004 Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Savantic, Inc.
MJE18004 SAVANTIC-MJE18004 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
MJE18004 NJSEMI-MJE18004 Datasheet
89Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - MJE18004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
MJE18204 MOTOROLA-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS 5 AMPERES 1200 VOLTS 35 and 75 WATTS
MJE18004D2 MOTOROLA-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS 5 AMPERES 1000 VOLTS 75 WATTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
   POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
logo
ON Semiconductor
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
logo
Motorola, Inc
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
Powerex Power Semicondu...
KD221K75 POWEREX-KD221K75 Datasheet
407Kb / 4P
   Dual Darlington Transistor Module (75 Amperes/1000 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com