Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP1510S Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KP1510S
Description  High Noise Immunity, 2.5A Output Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510S Datasheet(HTML) 9 Page - COSMO Electronics Corporation

  KP1510S Datasheet HTML 1Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510S Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRODUCT SPECIFICATION
DATE:12/17/2012
No.61P32006
Rev
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KP1510S
SHEET 9 OF 9
2
NOTICE
The information contained in this document is a general
product description and is subject to change without notice. Please
contact cosmo in order to obtain the latest device data sheets before
using any cosmo device. Cosmo does not assume any responsibility
for use of any circuitry described. No circuit patent licenses are
implied. This publication is the property of cosmo. No part of this
publication may be reproduced or copied in any form or by any
means, or transferred to any third party without the prior
written consent of cosmo Electronics Corporation.
The devices listed in this document are designed for general
applications only in electronic equipment. No devices shall be
deployed which require higher level of reliability such as:
-- Medical and other life support equipments.
-- Space application.
-- Telecommunication equipment (trunk lines).
-- Nuclear power control equipment.
Unless it received prior written approval from cosmo.
cosmo takes no responsibility for damages arise form the improper
usage of our device. Please contact cosmo for further information
regarding the above notices


Similar Part No. - KP1510S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1510STL COSMO-KP1510STL Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510STLD COSMO-KP1510STLD Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510STR COSMO-KP1510STR Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510STRU COSMO-KP1510STRU Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
More results

Similar Description - KP1510S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
logo
Unisonic Technologies
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
   High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com