Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6415 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO6415
Description  20V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6415 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO6415_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6415_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6415_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6415_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6415_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AO6415
20V P-Channel MOSFET
General Description
Product Summary
VDS
-20V
ID (at VGS=-10V)
-3.3A
RDS(ON) (at VGS= -10V)
< 82m
RDS(ON) (at VGS= -4.5V)
< 100m
RDS(ON) (at VGS= -2.5V)
< 140m
Typical ESD protection
HBM Class 2
Symbol
The AO6415 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as
a load switch or in PWM applications.
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Maximum
Units
TSOP6
Top View
Bottom View
Pin1
S
G
D
Top View
D
D
G
D
S
D
1
2
3
6
5
4
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
Maximum Junction-to-Lead
56
70
°C/W
Maximum Junction-to-Ambient
A
RθJA
82
100
°C/W
Maximum Junction-to-Ambient
A D
111
140
°C/W
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
Parameter
Typ
Max
Units
Power Dissipation
B
TA=25°C
PD
1.25
W
TA=70°C
0.8
Continuous Drain
Current
TA=25°C
ID
-3.3
A
TA=70°C
-2.7
Pulsed Drain Current
C
-17
Drain-Source Voltage
-20
V
Gate-Source Voltage
±12
V
Parameter
Maximum
Units
Rev 2: Jul 2011
www.aosmd.com
Page 1 of 5


Similar Part No. - AO6415_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6415-HF KEXIN-AO6415-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6415L AOSMD-AO6415L Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO6415_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com