Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP1510H Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KP1510H
Description  PRODUCT SPECIFICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510H Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KP1510H Datasheet HTML 1Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510H Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRODUCT SPECIFICATION
DATE:12/17/2012
No.62P32006
Rev
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KP1510H
SHEET 4 OF 9
2
Electrical Characteristics (Ta = 25℃,unless otherwise specified)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Forward Voltage
VF
IF=10mA
1.2
1.5
1.8
V
Temperature Coefficient of
Forward Voltage
(VF/△TA))
-1.8
mV/℃
Input Reverse Breakdown
Voltage
BVR
IR=10uA
5
V
Input capacitance
CIN
f=1MHz , V=0
60
pF
VO =VCC-2.5V
0.5
1.5
“H”
level
(1)
IOH
VO =VCC-4V
2.0
A
VO =VEE+2.5V
0.5
2.0
Output
current
(*A)
“L”
level
(1)
IOL
VO =VEE+4V
2.0
A
“H” level
VOH
IF =10mA, IO =-100mA
VCC-4V
VCC-3V
Output
voltage
“L” level
VOL
IF =0mA, IO =100mA
VEE+0.1V
VEE+0.5V
V
“H” level
ICCH
VO =Open ,IF=7 to 16mA
2.5
5.0
Supply
current
“L” level
ICCL
VO=Open ,VF=-3.0 to 0.8V
2.5
5.0
mA
Threshold
input current
“Output
L→H”
IFLH
IO =0mA ,VO>5V
2.3
5.0
mA
Threshold
input
voltage
“Output
H→L”
VFHL
IO =0mA ,VO<5V
0.7
V
VUVLO+
IF =10mA ,VO>5V
11.0
12.3
13.5
Under Voltage Lockout
Threshold
VUVLO-
IF =10mA ,VO<5V
9.0
10.7
12.0
V
Under Voltage Lockout
Threshold Hysteresis
UVLOHYS
1.6
V


Similar Part No. - KP1510H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1510HTL COSMO-KP1510HTL Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510HTLD COSMO-KP1510HTLD Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510HTR COSMO-KP1510HTR Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510HTRU COSMO-KP1510HTRU Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
More results

Similar Description - KP1510H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com