Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8056 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8056
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056 Datasheet(HTML) 1 Page - Analog Devices

  AD8056 Datasheet HTML 1Page - Analog Devices AD8056 Datasheet HTML 2Page - Analog Devices AD8056 Datasheet HTML 3Page - Analog Devices AD8056 Datasheet HTML 4Page - Analog Devices AD8056 Datasheet HTML 5Page - Analog Devices AD8056 Datasheet HTML 6Page - Analog Devices AD8056 Datasheet HTML 7Page - Analog Devices AD8056 Datasheet HTML 8Page - Analog Devices AD8056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8055/AD8056
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Low Cost, 300 MHz
Voltage Feedback Amplifiers
FUNCTIONAL BLOCK DIAGRAMS
FEATURES
Low Cost Single (AD8055) and Dual (AD8056)
Easy to Use Voltage Feedback Architecture
High Speed
300 MHz, –3 dB Bandwidth (G = +1)
1400 V/ s Slew Rate
20 ns Settling to 0.1%
Low Distortion: –72 dBc @ 10 MHz
Low Noise: 6 nV/
√Hz
Low DC Errors: 5 mV Max VOS, 1.2
A Max IB
Small Packaging
AD8055 Available in SOT-23-5
AD8056 Available in 8-Lead microSOIC
Excellent Video Specifications (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 40 MHz
0.01% Differential Gain Error
0.02 Differential Phase Error
Drives Four Video Loads (37.5
) with 0.02% and
0.1 Differential Gain and Differential Phase
Low Power,
5 V Supplies
5 mA Typ/Amplifier Power Supply Current
High Output Drive Current: Over 60 mA
APPLICATIONS
Imaging
Photodiode Preamp
Video Line Driver
Differential Line Driver
Professional Cameras
Video Switchers
Special Effects
A-to-D Driver
Active Filters
PRODUCT DESCRIPTION
The AD8055 (single) and AD8056 (dual) voltage feedback
amplifiers offer bandwidth and slew rate typically found in cur-
rent feedback amplifiers. Additionally, these amplifiers are easy
to use and available at a very low cost.
Despite their low cost, the AD8055 and AD8056 provide excel-
lent overall performance. For video applications, their differen-
tial gain and phase error are 0.01% and 0.02
° into a 150 Ω load,
and 0.02% and 0.1
° while driving four video loads (37.5 Ω).
Their 0.1 dB flatness out to 40 MHz, wide bandwidth out to
300 MHz, along with 1400 V/
µs slew rate and 20 ns settling
time, make them useful for a variety of high speed applications.
The AD8055 and AD8056 require only 5 mA typ/amplifier of
supply current and operate on dual
±5 V or single +12 V power
supply, while being capable of delivering over 60 mA of load
current. All this is offered in a small 8-lead plastic DIP, 8-lead
SOIC packages, 5-lead SOT-23-5 package (AD8055) and an
8-lead microSOIC package (AD8056). These features make
the AD8055/AD8056 ideal for portable and battery powered
applications where size and power are critical. These amplifiers are
available in the industrial temperature range of –40
°C to +85°C.
FREQUENCY – Hz
0.3M
1G
1M
10M
100M
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +1
RF = 0
RC = 100
G = +2
RF = 402
G = +5
RF = 1000
G = +10
RF = 909
VOUT = 100mV p-p
RL = 100
VIN
RC
50
RS
RF
RL
VOUT
Figure 1. Frequency Response
N-8 and SO-8
1
2
3
4
8
7
6
5
(Not to Scale)
AD8055
–IN
–VS
+IN
+VS
VOUT
NC
NC
NC
NC = NO CONNECT
SOT-23-5 (RT)
1
2
3
5
4
(Not to Scale)
–IN
+IN
+VS
VOUT
AD8055
–VS
N-8, SO-8, microSOIC (RM)
1
2
3
4
8
7
6
5
(Not to Scale)
AD8056
–IN1
–VS
+IN1
+VS
OUT
–IN2
OUT1
+IN2


Similar Part No. - AD8056

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8056 AD-AD8056 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056AN AD-AD8056AN Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056AN AD-AD8056AN Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056ANZ AD-AD8056ANZ Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056ANZ AD-AD8056ANZ Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results

Similar Description - AD8056

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com