Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8042AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD8042AR
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8042AR Datasheet HTML 6Page - Analog Devices AD8042AR Datasheet HTML 7Page - Analog Devices AD8042AR Datasheet HTML 8Page - Analog Devices AD8042AR Datasheet HTML 9Page - Analog Devices AD8042AR Datasheet HTML 10Page - Analog Devices AD8042AR Datasheet HTML 11Page - Analog Devices AD8042AR Datasheet HTML 12Page - Analog Devices AD8042AR Datasheet HTML 13Page - Analog Devices AD8042AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
–10–
AD8042
5V
4V
3V
2V
1V
0V
200 s
0.5V
0.160V
VS = +5V
G = –1
RL = 150
TO +2.5V
4.770V
TPC 25a. Output Swing with Load Reference to
Supply Midpoint
5V
4V
3V
2V
1V
0V
200 s
0.5V
VS= +5V
G = –1
RL= 150 TO GND
4.59V
0.035V
TPC 25b. Output Swing with Load Reference to
Negative to Supply
4.5V
3.5V
2.5V
1.5V
0.5V
10ns
0.5V
AV = +2
VS = +5V
CL = 5pF
RL = 1k TO +2.5V
VIN = 1V p-p
TPC 26. One Volt Pulse Response, VS = +5 V
+2.6V
+2.5V
+2.4V
AV = +1
VS = +5V
VIN = 100mV p-p
RL = 1k
TO 2.5V
CL = 5pF
10ns
25mV
TPC 27. 100 mV Pulse Response, VS = +5 V
3V
1.5V
0V
1 s
0.5V
G = –1
RL = 2k
TO +1.5V
TPC 28. Rail-to-Rail Output Swing, VS = +3 V
+1.6V
+1.5V
+1.4V
10ns
25mV
VIN = 100mV p-p
RL = 1k
TO 1.5V
VS = +3V
CL = 5pF
AV = +1V
TPC 29. 100 mV Pulse Response, VS = +3 V


Similar Part No. - AD8042AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042AR AD-AD8042AR Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AR-REEL AD-AD8042AR-REEL Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AR-REEL7 AD-AD8042AR-REEL7 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042ARZ AD-AD8042ARZ Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042ARZ-REEL AD-AD8042ARZ-REEL Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

Similar Description - AD8042AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com