Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW16G65C5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IDW16G65C5
Description  ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW16G65C5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IDW16G65C5_12 Datasheet HTML 3Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 4Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 5Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 6Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 7Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 8Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 9Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 10Page - Infineon Technologies AG IDW16G65C5_12 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDW16G65C5
Electrical characteristics diagrams
Final Data Sheet
7
Rev. 2.2, 2013-01-15
Table 9
Typ. capacitance charge vs. current slope
1)
Typ. reverse current vs. reverse voltage
0
5
10
15
20
25
100
300
500
700
900
dI
F/dt [A/µs]
1.E-9
1.E-8
1.E-7
1.E-6
1.E-5
100
200
300
400
500
600
V
R [V]
QC=f(diF/dt); Tj=150°C; VR=400 V; IF≤IF,max
IR=f(VR); parameter: Tj;
1) Only capacitive charge, guaranteed by design.
Table 10
Max. transient thermal impedance
Typ. capacitance vs. reverse voltage
0.01
0.1
1
1.E-06
1.E-03
1.E+00
t
p [s]
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
0
100
200
300
400
500
600
0
1
10
100
1000
VR [V]
Zth,jc=f(tP); parameter: D=tP/T;
C=f(VR); Tj=25°C; f=1 MHz
-55°C
175°C
150°C
25°C
100°C


Similar Part No. - IDW16G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW16G65C5 INFINEON-IDW16G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDW16G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH09G65C5 INFINEON-IDH09G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH10G65C5 INFINEON-IDH10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW10G65C5 INFINEON-IDW10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW20G65C5 INFINEON-IDW20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH20G65C5 INFINEON-IDH20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW12G65C5 INFINEON-IDW12G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH05G65C5 INFINEON-IDH05G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW40G65C5 INFINEON-IDW40G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH04G65C5 INFINEON-IDH04G65C5_12 Datasheet
1Mb / 13P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH06G65C5 INFINEON-IDH06G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com