Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4432Q Datasheet(PDF) 9 Page - Finechips

Part # MC81F4432Q
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4432Q Datasheet(HTML) 9 Page - Finechips

Back Button MC81F4432Q Datasheet HTML 5Page - Finechips MC81F4432Q Datasheet HTML 6Page - Finechips MC81F4432Q Datasheet HTML 7Page - Finechips MC81F4432Q Datasheet HTML 8Page - Finechips MC81F4432Q Datasheet HTML 9Page - Finechips MC81F4432Q Datasheet HTML 10Page - Finechips MC81F4432Q Datasheet HTML 11Page - Finechips MC81F4432Q Datasheet HTML 12Page - Finechips MC81F4432Q Datasheet HTML 13Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 198 page
background image
MC81F4x32
October 19, 2009 Ver.1.35
9
MC81F4x32
8 bit MCU with 12-bit A/D Converter
1. OVERVIEW
1.1 Description
MC81F4x32 is a CMOS 8 bit MCU which provides a 32K bytes FLASH-ROM and 512 bytes RAM.
It has following major features,
12 bit ADC : It has 15 ch A/D Converter which can be used to measure minute electronic voltage and
currents.
810 Core : Same with ABOV
‟s 800 Core but twice faster. 800 Core use a divided system clock but
810 Core use a system clock directly
Power Consumption
– Sub Active Mode : To decrease the power consumption, It can be operated
with sub clock( 32.768KHz ).
1.2 Features
ROM (FLASH) : 32K Bytes
(Endurance: 100 cycle)
SRAM
: 1K Bytes
Minimum Instruction Execution Time
166nsec (@12MHz 2 Cycle NOP Instruction)
Power down mode
IDLE, STOP, SLEEP mode
Sub-Active mode
(Operates at 32.768KHz sub clock)
General Purpose I/O (GPIO)
44-pin PKG : 42 ports
42-pin PKG : 40 ports
32-pin PKG : 30 ports
28-pin PKG : 26 ports
SIO
: 1ch
Uart
: 1ch
IIC slave : 1ch
Timer/ Counter
8Bit × 4ch (or 16Bit x 2ch)
PWM
(8Bit x 2ch or 16Bit x 1ch) + 10Bit × 3ch
Buzzer
: 1ch ( 244 ~ 250KHz @8MHz )
Watch Timer (WT)
: 8Bit × 1ch
Basic Interval Timer (BIT) : 8Bit × 1ch
Watch Dog Timer (WDT) : 8Bit × 1ch
12 Bit A/D Converter : 15 ch
Interrupt Sources
: 27ch
External interrupts(EXT0~11) : 12ch
Timer0~3 Match/overflow
:
8ch
WDT, BIT, WT
:
3ch
SIO,UART(Tx/Rx), IIC
:
4ch
Power On Reset (POR)
Reset release level (detect only rising)
Low Voltage Reset (LVR)
4 level detector (4.0V, 3.0V, 2.7V, 2.4V)
Operating Voltage & Frequency
2.2V
– 5.5V : 1.0 - 4.2 MHz
2.7V
– 5.5V : 1.0 - 8.0 MHz
4.0V
– 5.5V : 1.0 – 12.0 MHz
Operating Temperature
- 40°C ~ 85°C
Oscillator Type
Crystal, Ceramic, RC
On-Chip RC-Oscillator (8/4/2/1MHz)
PKG Type
44MQFP, 42SDIP, 32SDIP/SOP,
28 SKDIP/SOP


Similar Part No. - MC81F4432Q

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4416K FINECHIPS-MC81F4416K Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4416Q FINECHIPS-MC81F4416Q Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4432Q

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com