Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH06G65C5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDH06G65C5
Description  ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH06G65C5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDH06G65C5_12 Datasheet HTML 1Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 2Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 3Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 4Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 5Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 6Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 7Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 8Page - Infineon Technologies AG IDH06G65C5_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5th Generation thinQ!
TM SiC Schottky Diode
IDH06G65C5
Maximum ratings
Final Data Sheet
4
Rev. 2.2, 2012-12-10
2
Maximum ratings
Table 3
Maximum ratings
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Continuous forward current
IF
6
A
TC < 145°C, D=1
Surge non-repetitive forward current,
sine halfwave
IF,SM
54
TC = 25°C, tp=10 ms
48
TC = 150°C, tp=10 ms
Non-repetitive peak forward current IF,max
291
TC = 25°C, tp=10 µs
i²t value
∫ i²dt
14
A²s
TC = 25°C, tp=10 ms
11
TC = 150°C, tp=10 ms
Repetitive peak reverse voltage
VRRM
650
V
Tj = 25°C
Diode dv/dt ruggedness
dv/dt
100
V/ns
VR=0..480 V
Power dissipation
Ptot
62
W
TC = 25°C
Operating and storage temperature Tj;Tstg
-55
175
°C
Mounting torque
70
Ncm
M3 screws
3
Thermal characteristics
Table 4
Thermal characteristics TO-220-2
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Thermal resistance, junction-case
RthJC
1.5
2.4
K/W
Thermal resistance, junction-
ambient
RthJA
62
leaded
Soldering temperature,
wavesoldering only allowed at leads
Tsold
260
°C
1.6mm (0.063 in.) from
case for 10 s


Similar Part No. - IDH06G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH06G65C5 INFINEON-IDH06G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDH06G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH09G65C5 INFINEON-IDH09G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH10G65C5 INFINEON-IDH10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW10G65C5 INFINEON-IDW10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW20G65C5 INFINEON-IDW20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH20G65C5 INFINEON-IDH20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW16G65C5 INFINEON-IDW16G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW12G65C5 INFINEON-IDW12G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH05G65C5 INFINEON-IDH05G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW40G65C5 INFINEON-IDW40G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH04G65C5 INFINEON-IDH04G65C5_12 Datasheet
1Mb / 13P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com