Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4104 Datasheet(PDF) 8 Page - Finechips

Part # MC81F4104
Description  ABOV SEMICONDUCTOR
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4104 Datasheet(HTML) 8 Page - Finechips

Back Button MC81F4104 Datasheet HTML 4Page - Finechips MC81F4104 Datasheet HTML 5Page - Finechips MC81F4104 Datasheet HTML 6Page - Finechips MC81F4104 Datasheet HTML 7Page - Finechips MC81F4104 Datasheet HTML 8Page - Finechips MC81F4104 Datasheet HTML 9Page - Finechips MC81F4104 Datasheet HTML 10Page - Finechips MC81F4104 Datasheet HTML 11Page - Finechips MC81F4104 Datasheet HTML 12Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
MC81F4104
8
October 19, 2009 Ver.1.35
MC81F4104
8 bit MCU with 12-bit A/D Converter
1. OVERVIEW
1.1 Description
MC81F4104 is a CMOS 8 bit MCU which provides a 4K bytes FLASH-ROM and 192 bytes RAM.
It has following major features,
12 bit ADC : It has 7(5) ch A/D Converter which can be used to measure minute electronic voltage
and currents.
810 Core : Same with ABOV
‟s 800 Core but twice faster. 800 Core use a divided system clock but
810 Core use the system clock directly
1.2 Features
ROM(FLASH) : 4K Bytes
(Endurance: 100 cycle)
SRAM
: 192 Bytes
Minimum instruction execution time
166n sec at 12MHz (NOP instruction)
12-bit A/D converter : 7 ch
General Purpose I/O(GPIO)
10-pin PKG: 8
8-pin PKG: 6
Timer/Counter
8Bit x 2ch
PWM
10 bit High Speed PWM * 1ch
Watchdog timer(WDT)
: 8Bit x 1 ch
Basic Interval Timer(BIT) : 8Bit x 1ch
Interrupt Source : 9 ch
External Interrupts : 3 ch
Timer 2/3 Match/Overflow
WDT, BIT
Power On Reset (POR)
Low Voltage Reset (LVR)
4 level detector (2.4/2.7/3.0/4.0V)
Power Down Mode
Stop mode
Sleep mode
Operating Voltage & Frequency
4.0V
– 5.5V (at 1.0 – 12.0MHz)
2.7V
– 5.5V (at 1.0 – 8.0MHz)
2.2V
– 5.5V (at 1.0 – 4.2MHz)
Operating Temperature
- 40°C ~ 85°C
Oscillator Type
Crystal, Ceramic, RC for main clock
Internal Oscillator (8MHz/4MHz/2MHz/1MHz)
Package
10 SSOP, 8 PDIP/SOP
Available Pb free package


Similar Part No. - MC81F4104

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4104

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com