Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP0100 Datasheet(PDF) 2 Page - Supertex, Inc

Part # FP0100
Description  Fault Protection Switch with Current Fold-back
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0100 Datasheet(HTML) 2 Page - Supertex, Inc

  FP0100 Datasheet HTML 1Page - Supertex, Inc FP0100 Datasheet HTML 2Page - Supertex, Inc FP0100 Datasheet HTML 3Page - Supertex, Inc FP0100 Datasheet HTML 4Page - Supertex, Inc FP0100 Datasheet HTML 5Page - Supertex, Inc FP0100 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FP0100
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Absolute Maximum Ratings
Parameter
Value
V
IN - VOUT, differential input voltage range
0 to +110V
Maximum junction temperature
+125°C
Storage temperature range
-65° to +150°C
Power dissipation, T
A@25°C
1.6W1
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Note:
1. Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Ordering Information
Device
Package
SOT-89
FP0100
FP0100N8-G
-G indicates package is RoHS compliant (‘Green’)
Pin Configuration
TO-243AA (SOT-89) (N8)
TO-243AA (SOT-89) (N8)
Y = Code for year sealed
W = Code for week sealed
= “Green” Packaging
F10YW
Product Marking
Package may or may not include the following marks: Si or
VIN
RSEN
VOUT
VOUT
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IN - VOUT
Differential input voltage range
0
-
100
V
V
OUT = GND, IIN = 600µA
I
PEAK
Peak current
-
260
-
mA
R
SEN = 0Ω
-
20
40
mA
R
SEN = 50Ω
-
10
20
mA
R
SEN = 100Ω
I
OFF
Off current
-
300
600
µA
V
IN - VOUT = 100V, See I-V curve
R
ON
On resistance
-
4.0
6.0
Ω
I
IN = 20mA, RSEN = 0Ω
V
TRIP
V
IN - OUT trip point to turn off
-
3.0
-
V
R
SEN = 50Ω, IIN = 90% of IPEAK
See I-V curve
V
OFF
Switch turn off voltage
-
-
4.5
V
I
OFF ≤ 600µA
T
J
Operating junction temperature
-40
-
+125
°C
---
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Block Diagram
VIN
VOUT
RSEN
Switch
Control
I
PEAK
Control
+


Similar Part No. - FP0100

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP0100GM KNIGHTSBRIDGE-FP0100GM Datasheet
216Kb / 1P
   TV Outlet (non-isolated) - Gunmetal
12/04/2024
logo
Supertex, Inc
FP0100N8-G SUTEX-FP0100N8-G Datasheet
838Kb / 6P
   Fault Protection Switch with Current Fold-back
FP0100 SUTEX-FP0100_10 Datasheet
838Kb / 6P
   Fault Protection Switch with Current Fold-back
More results

Similar Description - FP0100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
FP0100 SUTEX-FP0100_10 Datasheet
838Kb / 6P
   Fault Protection Switch with Current Fold-back
FP0060 SUTEX-FP0060 Datasheet
744Kb / 5P
   짹60V AC Switch with Current Fold-Back Protection
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30082 ONSEMI-NCL30082_13 Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Nexperia B.V. All right...
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
289Kb / 11P
   4-fold bidirectional ESD protection array
7 June 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com