Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7430-D Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7430-D
Description  Automotive LIN RGB LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7430-D Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7430-D Datasheet HTML 7Page - ON Semiconductor NCV7430-D Datasheet HTML 8Page - ON Semiconductor NCV7430-D Datasheet HTML 9Page - ON Semiconductor NCV7430-D Datasheet HTML 10Page - ON Semiconductor NCV7430-D Datasheet HTML 11Page - ON Semiconductor NCV7430-D Datasheet HTML 12Page - ON Semiconductor NCV7430-D Datasheet HTML 13Page - ON Semiconductor NCV7430-D Datasheet HTML 14Page - ON Semiconductor NCV7430-D Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
NCV7430
http://onsemi.com
11
Table 7. ERROR CONDITIONS FOR EACH INDIVIDUAL LED
Error Description:
ERR[2]
ERR[1]
ERR[0]
Retry Option
<RETRYSTATE>
Action:
No Error
0
0
0
No
No Action
Open circuit LEDxR
Short from ANODE to LEDxC
0
1
1
Yes
Thermal Sense
Short from LEDxC to GND (Note 12)
“Shorted LED cathode to GND”
0
1
0
Yes
ANODE OFF (Note 11)
LEDxC OFF
Open circuit (LEDxC to ANODE)
1
0
1
No
Thermal Sense
Short from ANODE to LEDxC
“Shorted LED”
1
0
0
No
Thermal Sense
Thermal Shutdown
Automatic retry below Thermal
Warning Threshold
LED & ANODE OFF
(Note 11)
11. ANODE OFF is realized by internal circuitry that switches VBIAS to 0 V. The Anode can only be switched off when an external transistor is used.
12.A short from (LEDxC) to (LEDxR), or (ANODE) to (LEDxR) may damage the device. When the external ballast transistor is not used, the
LED and/or Rsense may also be damaged.
Figure 7. Short Circuit and Open Circuit Detection
Error
Detection
Manager
GND
Short Circuit
Detection
LEDxC to GND
LED Short Circuit
Detection
LED Open Circuit
ANODE
Detection
LEDxC
LEDxR
Open Circuit
Detection
RSENSE to GND
Thermal Warning and Thermal Shutdown
The NCV7430 has thermal warning and thermal
shutdown protection features. When the junction
temperature of the NCV7430 rises above the thermal
warning level (T<TW>), the <TW> warning flag is set in the
status register. When the junction temperature rises above
T<TSD>, the device will switch off the LEDs, and set the
<TSD> flag in the status register. <TSD> and <TW> flags
represent an event has happened and may not represent the
current state of the IC. After the <TSD> flag is set, the device
can only enter normal operation again after it is cooled down
below the T<TW> level. After a <TSD > occurrence and the
cooling down period, the NCV7430 will resume normal
operation.
Thermal Control Bit
When the thermal control bit <TH_CONT> is set, the
NCV7430 will actively regulate the LED currents as
programmed by the user when exceeding a thermal warning
threshold. This function protects the device and the LEDs
from overheating without interaction from the LIN master.
When T<TW> is reached, the NCV7430 will decrease the
LED currents by a step defined by the parameter
TH_Ired_step. The reduction in current is represented by the
status bit <TH_CONT_STATE>. If after THtimeout
seconds the thermal warning condition is still present, the
current is decreased further. If the thermal warning
condition is removed within the THtimeout seconds, the
NCV7430 keeps the reduced current setting for the next


Similar Part No. - NCV7430-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
NCV7430 ONSEMI-NCV7430 Datasheet
274Kb / 34P
   Automotive LIN RGB LED Driver
June, 2017 ??Rev. 10
NCV7430D20G ONSEMI-NCV7430D20G Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
NCV7430D20G ONSEMI-NCV7430D20G Datasheet
274Kb / 34P
   Automotive LIN RGB LED Driver
June, 2017 ??Rev. 10
NCV7430D20R2G ONSEMI-NCV7430D20R2G Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
More results

Similar Description - NCV7430-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7430 ONSEMI-NCV7430_17 Datasheet
274Kb / 34P
   Automotive LIN RGB LED Driver
June, 2017 ??Rev. 10
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
logo
Melexis Microelectronic...
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
Texas Instruments
LP5520 TI1-LP5520_16 Datasheet
1Mb / 46P
[Old version datasheet]   RGB Backlight LED Driver
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
   RGB LED Driver Demonstration Board
07/14/15
logo
STMicroelectronics
L99DZ120 STMICROELECTRONICS-L99DZ120 Datasheet
2Mb / 162P
   Automotive door actuator driver with embedded LIN
November 2016 Rev 4
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com