Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8016ARE Datasheet(PDF) 5 Page - Analog Devices

Part # AD8016ARE
Description  Low Power, High Output Current xDSL Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARE Datasheet(HTML) 5 Page - Analog Devices

  AD8016ARE Datasheet HTML 1Page - Analog Devices AD8016ARE Datasheet HTML 2Page - Analog Devices AD8016ARE Datasheet HTML 3Page - Analog Devices AD8016ARE Datasheet HTML 4Page - Analog Devices AD8016ARE Datasheet HTML 5Page - Analog Devices AD8016ARE Datasheet HTML 6Page - Analog Devices AD8016ARE Datasheet HTML 7Page - Analog Devices AD8016ARE Datasheet HTML 8Page - Analog Devices AD8016ARE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
AD8016
–5–
Typical Performance Characteristics–
0.1 F
0.1 F
10 F
10 F
49.9
124
499
RL
VOUT
+VS
–VS
+
+
VIN
Figure 3. Single-Ended Test Circuit; G = +5
VOUT = 100mV
VIN = 20mV
TIME – 100ns/DIV
Figure 4. 100 mV Step Response; G = +5, VS =
±6 V,
RL = 25
Ω, Single-Ended
VOUT = 5V
VIN = 800mV
TIME – 100ns/DIV
Figure 5. 4 V Step Response; G = +5, VS =
±6 V,
RL = 25
Ω, Single-Ended
499
49.9
+VIN
RL
499
111
49.9
–VIN
+VO
–VO
+VS
–VS
0.1 F
10 F
+
0.1 F
10 F
+
Figure 6. Differential Test Circuit; G = +10
VOUT = 100mV
VIN = 20mV
TIME – 100ns/DIV
Figure 7. 100 mV Step Response; G = +5, VS =
±12 V,
RL = 25
Ω, Single-Ended
VOUT = 4V
VIN = 800mV
TIME – 100ns/DIV
Figure 8. 4 V Step Response; G = +5, VS =
±12 V,
RL = 25
Ω, Single-Ended


Similar Part No. - AD8016ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016ARE AD-AD8016ARE Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARE-EVAL AD-AD8016ARE-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARE-REEL AD-AD8016ARE-REEL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARE-REEL7 AD-AD8016ARE-REEL7 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016AREZ AD-AD8016AREZ Datasheet
673Kb / 21P
   Low Power, High Output
REV. C
More results

Similar Description - AD8016ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com