Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8022AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD8022AR
Description  Dual High-Speed Low-Noise Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8022AR Datasheet HTML 4Page - Analog Devices AD8022AR Datasheet HTML 5Page - Analog Devices AD8022AR Datasheet HTML 6Page - Analog Devices AD8022AR Datasheet HTML 7Page - Analog Devices AD8022AR Datasheet HTML 8Page - Analog Devices AD8022AR Datasheet HTML 9Page - Analog Devices AD8022AR Datasheet HTML 10Page - Analog Devices AD8022AR Datasheet HTML 11Page - Analog Devices AD8022AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8022
–8–
REV. 0
FREQUENCY – kHz
549.3 550.3 551.3 552.3 553.3 554.3 555.3 556.3 557.3 558.3 559.3
–66.7dBc
Figure 21. Multitone Power Ratio: VS = ±6 V, RL = 500 Ω,
Full Rate ADSL (DMT), Downstream
FREQUENCY – kHz
549.3 550.3 551.3 552.3 553.3 554.3 555.3 556.3 557.3 558.3 559.3
–66.0dBc
Figure 22. Multitone Power Ratio: VS = ±12 V, RL = 500 Ω,
Full Rate ADSL (DMT), Downstream
TEMPERATURE – C
–60
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–20
0
20
40
60
80
100
120
140
VS = 12V
VS = 2.5V
Figure 23. Bias Current vs. Temperature
FREQUENCY – kHz
102.4 103.4 104.4 105.4 106.4 107.4 108.4 109.4 110.4 111.4 112.4
–69.0dBc
Figure 24. Multitone Power Ratio: VS = ±6 V, RL = 500 Ω,
Full Rate ADSL (DMT), Upstream
FREQUENCY – kHz
102.4 103.4 104.4 105.4 106.4 107.4 108.4 109.4 110.4 111.4 112.4
–67.2dBc
Figure 25. Multitone Power Ratio: VS = ±12 V, RL = 500 Ω,
Full Rate ADSL (DMT), Upstream
TEMPERATURE – C
8.5
8.0
5.0
–50
150
0
50
100
7.0
6.5
6.0
5.5
7.5
VS = 12V
VS = 2.5V
Figure 26. Total Supply Current Over Temperature


Similar Part No. - AD8022AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8022AR AD-AD8022AR Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL AD-AD8022AR-REEL Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL7 AD-AD8022AR-REEL7 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022ARM AD-AD8022ARM Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022ARM-REEL AD-AD8022ARM-REEL Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
More results

Similar Description - AD8022AR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com