Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4822 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4822
Description  30V Dual N-channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4822 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4822_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4822_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4822_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4822_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4822_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4822_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AO4822
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 12: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=90°C/W
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 12: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=90°C/W
Rev 5: Mar 2011
www.aosmd.com
Page 5 of 6


Similar Part No. - AO4822_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4822A AOSMD-AO4822A Datasheet
116Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822A AOSMD-AO4822A Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
Guangdong Kexin Industr...
AO4822A KEXIN-AO4822A Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4822A VBSEMI-AO4822A Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Similar Description - AO4822_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
   30V Dual N-Channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
   30V Dual N-Channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
   30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
   30V Dual N-Channel MOSFET
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
   30V Dual N-channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
   30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
   30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
   30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
   30V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com