Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB18XX Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB18XX
Description  The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18XX Datasheet(HTML) 3 Page - Abracon Corporation

  AB18XX Datasheet HTML 1Page - Abracon Corporation AB18XX Datasheet HTML 2Page - Abracon Corporation AB18XX Datasheet HTML 3Page - Abracon Corporation AB18XX Datasheet HTML 4Page - Abracon Corporation AB18XX Datasheet HTML 5Page - Abracon Corporation AB18XX Datasheet HTML 6Page - Abracon Corporation AB18XX Datasheet HTML 7Page - Abracon Corporation AB18XX Datasheet HTML 8Page - Abracon Corporation AB18XX Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AB18XX Series
Real Time Clock Module
Date of Issue: Sept. 10
th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (2) of (13)
Abracon Drawing #
Revision #: Initial Release
2.
AB18XX Functional Description
XT Osc
RC Osc
Divider
Seconds
Minutes
Hours
Days
Weekdays
Months
Years
Power
Control
VCC VBAT
I2C/SPI
Interface
SCL
SDA/O
Control
Alarms
Int/Clock
FOUT/nIRQ
PSW/nIRQ2
VSS
CLKOUT/nIRQ3
SDI
nCE
WDI
Reset
nEXTR
nRST
RAM
XO
XI
nTIRQ
Timer
WDT
100ths
Divider
Calibration Engine
EXTI
Analog
Compare
The AB18XX serves as a companion part for host processors including microcontrollers, radios, and digital signal
processors. It tracks time as in a typical RTC product and additionally provides unique power management functionality that
makes it ideal for highly energy-constrained applications. To support such operation, the AB18XX includes 3 distinct feature
groups: 1) baseline timekeeping features, 2) advanced timekeeping features, and 3) power management features. Functions
from each feature group may be controlled via memory mapped registers. These registers are accessed using either an I
2C
serial interface (e.g., in the AB1805) or a SPI serial interface (e.g., in the AB1815). Each feature group is described briefly
below.
The baseline timekeeping feature group supports the standard 32 kHz crystal (XT) oscillation mode for maximum frequency
accuracy with an ultra-low current draw of 55 nA. An extended calibration mode enables low jitter digital calibration to an
accuracy of ±2 ppm over a range of -614 ppm to +244 ppm. The baseline timekeeping feature group also includes a standard
set of counters monitoring hundredths of a second up through centuries. A complement of countdown timers and alarms may
additionally be set to initiate interrupts or resets on several of the outputs.
The advanced timekeeping feature group supports two additional oscillation modes: 1) RC oscillator mode, and 2) auto-
calibration mode. At only 15 nA, the temperature-compensated ±10% RC oscillator mode provides an even lower current
draw than the XT oscillator for applications with reduced frequency accuracy requirements.
A proprietary calibration
algorithm allows the AB18XX to digitally tune the RC oscillator frequency with accuracy as low as ±2 ppm at a given
temperature and very low calibration jitter. In autocalibration mode, the RC oscillator is used as the primary oscillation
source and is periodically calibrated against the XT oscillator. Autocalibration may be executed every autocalibration period
(ACP) of 8.5 minutes or 17 minutes and may also be initiated via software. This mode enables average current draw of only
20 nA with frequency accuracy similar to the XT oscillator. The advanced timekeeping feature group also includes a rich set
of input and output configuration options that enables the monitoring of external interrupts (e.g., pushbutton signals), the
generation of clock outputs, and watchdog timer functionality.


Similar Part No. - AB18XX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
   Real-Time Clock with Power
Revision: C
AB18X5-RTC ABRACON-AB18X5-RTC Datasheet
655Kb / 37P
   Baseline timekeeping features
Revision: C
More results

Similar Description - AB18XX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB08XX ABRACON-AB08XX Datasheet
1Mb / 12P
   The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
Analog Devices
MAX31331 AD-MAX31331 Datasheet
1Mb / 49P
   Ultra-Low-Power, I2C Real-Time Clock and Power Management
19-101203; Rev 1; 4/22
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
   Real-Time Clock with Power
Revision: C
logo
Maxim Integrated Produc...
MAX31341B MAXIM-MAX31341B Datasheet
750Kb / 30P
   Low-Current, Real-Time Clock with I2C Interface and Power Management
19-100537; Rev 4; 3/20
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com