Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB0813-T3 Datasheet(PDF) 6 Page - Abracon Corporation

Part # AB0813-T3
Description  The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB0813-T3 Datasheet(HTML) 6 Page - Abracon Corporation

Back Button AB0813-T3 Datasheet HTML 2Page - Abracon Corporation AB0813-T3 Datasheet HTML 3Page - Abracon Corporation AB0813-T3 Datasheet HTML 4Page - Abracon Corporation AB0813-T3 Datasheet HTML 5Page - Abracon Corporation AB0813-T3 Datasheet HTML 6Page - Abracon Corporation AB0813-T3 Datasheet HTML 7Page - Abracon Corporation AB0813-T3 Datasheet HTML 8Page - Abracon Corporation AB0813-T3 Datasheet HTML 9Page - Abracon Corporation AB0813-T3 Datasheet HTML 10Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AB08XX Series
Real Time Clock Module
Date of Issue: Sept. 10
th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (5) of (12)
Abracon Drawing #
Revision #: Initial Release
5. Electrical Specifications
5.1
Absolute Maximum Ratings
All voltages referenced to VSS.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
System Power Voltage
-0.3
3.6
V
VBAT
Battery Voltage
-0.3
3.6
V
VI
Input voltage
VCC > VMIN
-0.3
VCC + 0.3
V
VI
Input voltage
VCC < VMIN, VBAT > VMIN
-0.3
VBAT + 0.3
V
VO
Output voltage
VCC > VMIN
-0.3
VCC + 0.3
V
VO
Output voltage
VCC < VMIN, VBAT > VMIN
-0.3
VBAT + 0.3
V
II
Input current
-1
1
mA
IO
Output current
-1
1
mA
VESD
ESD Voltage
CDM
±500
V
HBM
±4000
V
ILU
Latch-up Current
100
mA
TSTG
Storage Temperature
-65
150
°C
TOP
Operating Temperature
-40
85
°C
TSLD
Lead temperature
Hand soldering for 10
seconds
300
°C
TREF
Reflow soldering
temperature
Reflow profile per JEDEC
J-STD-020D
260
°C
5.2
Operating Parameters
TA = -40 °C to 85 °C, TYP values at 25 °C
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
System Power Voltage
SPI or
I
2C active
1.7
3.6
V
Clock operating + RAM
1.5
3.6
V
VBAT
Battery Voltage
Clock operating + RAM
1.5
3.6
V
VT+
Positive-going Input
Threshold Voltage
VCC = 3.0V
1.5
V
VCC = 1.8V
1.1
VT-
Negative-going Input
Threshold Voltage
VCC = 3.0V
0.9
V
VCC = 1.8V
0.6
VOL
Low level output voltage
1.7V < VCC < 3.6V
VSS
0.2•VCC
V
VOH
High level output voltage
on push-pull outputs
1.7V < VCC < 3.6V
0.8•VCC
VCC
V
VMIN
Power supply valid voltage
1.5
V


Similar Part No. - AB0813-T3

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AB081206 FIBOX-AB081206 Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081206H FIBOX-AB081206H Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081209 FIBOX-AB081209 Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081209H FIBOX-AB081209H Datasheet
73Kb / 2P
   Enclosure, ABS
12.01.2023
logo
Abracon Corporation
AB0815 ABRACON-AB0815 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
More results

Similar Description - AB0813-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18XX ABRACON-AB18XX Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
logo
Analog Devices
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
SHANGHAI BELLING CO., L...
BL5373 BELLING-BL5373 Datasheet
268Kb / 30P
   The BL5373 is a CMOS type real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com