Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4818 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4818
Description  30V Dual N-channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4818 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4818_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4818_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4818_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4818_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4818_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4818_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AO4818
30V Dual N-channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
8A
RDS(ON) (at VGS=10V)
<19m
RDS(ON) (at VGS = 4.5V)
< 23m
ESD Protected
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
W
2
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
32
90
40
Maximum Junction-to-Ambient
A
TA=25°C
TA=70°C
Power Dissipation
B
PD
Avalanche energy L=0.1mH
C
Pulsed Drain Current
C
Continuous Drain
Current
TA=25°C
A
ID
8
6.5
48
mJ
Avalanche Current
C
18
A
19
The AO4818 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge. This device is
suitable for use as a load switch or in PWM applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
°C/W
RθJA
48
74
62.5
°C
Thermal Characteristics
Units
Parameter
Typ
Max
1.3
TA=70°C
Junction and Storage Temperature Range
-55 to 150
G
D
S
G
D
S
G1
S1
G2
S2
D1
D1
D2
D2
2
4
5
1
3
8
6
7
Top View
SOIC-8
Top View
Bottom View
Pin1
Rev 7 : Feb. 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AO4818_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4818-HF KEXIN-AO4818-HF Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
Guangdong Kexin Industr...
AO4818B KEXIN-AO4818B Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4818B VBSEMI-AO4818B Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4818B-HF KEXIN-AO4818B-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
More results

Similar Description - AO4818_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
   30V Dual N-Channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
   30V Dual N-Channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
   30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
   30V Dual N-Channel MOSFET
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
   30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
   30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
   30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
   30V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com