Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB08XX Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB08XX
Description  The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08XX Datasheet(HTML) 5 Page - Abracon Corporation

  AB08XX Datasheet HTML 1Page - Abracon Corporation AB08XX Datasheet HTML 2Page - Abracon Corporation AB08XX Datasheet HTML 3Page - Abracon Corporation AB08XX Datasheet HTML 4Page - Abracon Corporation AB08XX Datasheet HTML 5Page - Abracon Corporation AB08XX Datasheet HTML 6Page - Abracon Corporation AB08XX Datasheet HTML 7Page - Abracon Corporation AB08XX Datasheet HTML 8Page - Abracon Corporation AB08XX Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AB08XX Series
Real Time Clock Module
Date of Issue: Sept. 10
th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (4) of (12)
Abracon Drawing #
Revision #: Initial Release
4.
Package Pin Description
The AB08XX package pins are described below. The thermal pad on the QFN-16 packages must be connected to VSS. All
NC pins must be left unconnected.
NC
(1) WDI
NC
nIRQ2
FOUT/nIRQ
EXTI (1)
VSS
nTIRQ (1)
1
NC
(3) WDI
NC
nIRQ2
FOUT/nIRQ
EXTI (3)
SDI
nCE
1
AM080X
AM081X
VSS
PAD
VSS
PAD
(1) – Available in AM0804 and AM0804 only, else NC
(2) – Available in AM0803 and AM0805 only, else VSS
(3) – Available in AM0814 and AM0815 only, else NC
(4) – Available in AM0813 and AM0815 only, else VSS
Pin Name
Pin Type
Function
Pin Number in AB08XX
01
03
04
05
11
13
14
15
VSS
Power
Ground
5,
9,
14
9,
14
5,
9,
14
9,
14
5,
14
14
5,
14
14
VCC
Power
System power supply
13
13
13
13
13
13
13
13
XI
XT
Crystal input
16
16
16
16
16
16
16
16
XO
XT
Crystal output
15
15
15
15
15
15
15
15
VBAT
Power
Battery power supply
5
5
5
5
SCL
Input
I
2C or SPI interface clock
7
7
7
7
7
7
7
7
SDO
Output
SPI data output
6
6
6
6
SDI
Input
SPI data input
9
9
9
9
nCE
Input
SPI chip select
12
12
12
12
SDA
Input
I
2C data input/output
6
6
6
6
EXTI
Input
External interrupt input
10
10
10
10
WDI
Input
Watchdog reset input
2
2
2
2
FOUT/nIRQ
Output
Interrupt 1/function output
11
11
11
11
11
11
11
11
nIRQ2
Output
Interrupt 2/output
4
4
4
4
4
4
4
4
CLKOUT/nIRQ3
Output
Interrupt 3/clock output
8
8
8
8
nTIRQ
Output
Timer interrupt output
12
12
AB080X
AB081X
(1) – Available in AB0804 and AB0804 only, else NC
(2) – Available in AB0803 and AB0805 only, else VSS
(3) – Available in AB0814 and AB0815 only, else NC
(4) – Available in AB0813 and AB0815 only, else VSS


Similar Part No. - AB08XX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
AB08X5-RTC ABRACON-AB08X5-RTC Datasheet
627Kb / 33P
   Ultra-low supply current
Revision: C
More results

Similar Description - AB08XX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18XX ABRACON-AB18XX Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
logo
Analog Devices
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
SHANGHAI BELLING CO., L...
BL5373 BELLING-BL5373 Datasheet
268Kb / 30P
   The BL5373 is a CMOS type real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com